công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD2AE bảng dữ liệu(PDF) 103 Page - Nuvoton Technology Corporation

tên linh kiện M032FD2AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE bảng dữ liệu(HTML) 103 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 99Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 100Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 101Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 102Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 103Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 104Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 105Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 106Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 107Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 274 page
background image
M031/M032
Feb 25, 2019
Page 103 of 274
Rev. 1.01
Peripheral Reset Control Register 1 (SYS_IPRST1)
Setting these bits 1 will generate asynchronous reset signals to the corresponding module controller.
Users need to set these bits to 0 to release corresponding module controller from reset state.
Register
Offset
R/W
Description
Reset Value
SYS_IPRST1
SYS_BA+0x0C
R/W
Peripheral Reset Control Register 1
0x0000_0000
31
30
29
28
27
26
25
24
Reserved
ADCRST
USBDRST
Reserved
23
22
21
20
19
18
17
16
Reserved
UART2RST
UART1RST
UART0RST
15
14
13
12
11
10
9
8
Reserved
SPI0RST
Reserved
I2C1RST
I2C0RST
7
6
5
4
3
2
1
0
ACMP01RST
Reserved
TMR3RST
TMR2RST
TMR1RST
TMR0RST
GPIORST
Reserved
Bits
Description
[31:29]
Reserved
Reserved.
[28]
ADCRST
ADC Controller Reset
0 = ADC controller normal operation.
1 = ADC controller reset.
[27]
USBDRST
USBD Controller Reset
0 = USBD controller normal operation.
1 = USBD controller reset.
[26:19]
Reserved
Reserved.
[18]
UART2RST
UART2 Controller Reset
0 = UART2 controller normal operation.
1 = UART2 controller reset.
[17]
UART1RST
UART1 Controller Reset
0 = UART1 controller normal operation.
1 = UART1 controller reset.
[16]
UART0RST
UART0 Controller Reset
0 = UART0 controller normal operation.
1 = UART0 controller reset.
[15:14]
Reserved
Reserved.
[13]
SPI0RST
SPI0 Controller Reset
0 = SPI0 controller normal operation.
1 = SPI0 controller reset.
[12:10]
Reserved
Reserved.
[9]
I2C1RST
I2C1 Controller Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com