công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD2AE bảng dữ liệu(PDF) 102 Page - Nuvoton Technology Corporation

tên linh kiện M032FD2AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE bảng dữ liệu(HTML) 102 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 98Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 99Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 100Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 101Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 102Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 103Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 104Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 105Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 106Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 274 page
background image
M031/M032
Feb 25, 2019
Page 102 of 274
Rev. 1.01
this bit will automatically return to 0 after the 2 clock cycles.
0 = Processor core normal operation.
1 = Processor core one-shot reset.
Note: This bit is write protected. Refer to the SYS_REGLCTL register.
[0]
CHIPRST
Chip One-shot Reset (Write Protect)
Setting this bit will reset the whole chip, including Processor core and all peripherals, and
this bit will automatically return to 0 after the 2 clock cycles.
The CHIPRST is same as the POR reset, all the chip controllers is reset and the chip
setting from flash are also reload.
About the difference between CHIPRST and SYSRESETREQ(AIRCR[2]), please refer to
section 6.2.2
0 = Chip normal operation.
1 = Chip one-shot reset.
Note: This bit is write protected. Refer to the SYS_REGLCTL register.
Note : reset by powr on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com