công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD2AE bảng dữ liệu(PDF) 91 Page - Nuvoton Technology Corporation

tên linh kiện M032FD2AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE bảng dữ liệu(HTML) 91 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 89Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 90Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 91Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 92Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 93Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 94Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 95Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 274 page
background image
M031/M032
Feb 25, 2019
Page 91 of 274
Rev. 1.01
6.2.9
Register Lock Control
Some of the system control registers need to be protected to avoid inadvertent write and disturb the
chip operation. These system control registers are protected after the power-on reset till user to
disable register protection. For user to program these protected registers, a register protection disable
sequence needs to be followed by a special programming. The register protection disable sequence is
writing the data “59h”, “16h” “88h” to the register SYS_REGLCTL address at 0x4000_0100
continuously. Any different data value, different sequence or any other write to other address during
these three data writing will abort the whole sequence. All proteced control registers are noted
“(Write
Protect)” and add an note “Note: This bit is write protected. Refer to the SYS_REGLCTL register “ in
register description field.
Register
Bit
Description
SYS_IPRST0
[7] CRCRST
CRC Calculation Controller Reset (Write Protect)
SYS_IPRST0
[4] HDIV_RST
HDIV Controller Reset (Write Protect)
SYS_IPRST0
[3] EBIRST
EBI Controller Reset (Write Protect)
SYS_IPRST0
[2] PDMARST
PDMA Controller Reset (Write Protect)
SYS_IPRST0
[1] CPURST
Processor Core One-shot Reset (Write Protect)
SYS_IPRST0
[0] CHIPRST
Chip One-shot Reset (Write Protect)
SYS_BODCTL
[20] LVRVL
LVR Detector Threshold Voltage Selection (Write Protect)
SYS_BODCTL
[16] BODVL
Brown-out Detector Threshold Voltage Selection (Write Protect)
SYS_BODCTL
[14:12] LVRDGSEL
LVR Output De-glitch Time Select (Write Protect)
SYS_BODCTL
[10:8] BODDGSEL
Brown-out Detector Output De-glitch Time Select (Write Protect)
SYS_BODCTL
[7] LVREN
Low Voltage Reset Enable Bit (Write Protect)
SYS_BODCTL
[5] BODLPM
Brown-out Detector Low Power Mode (Write Protect)
SYS_BODCTL
[3] BODRSTEN
Brown-out Reset Enable Bit (Write Protect)
SYS_BODCTL
[0] BODEN
Brown-out Detector Enable Bit (Write Protect)
SYS_PORCTL
[15:0] POROFF
Power-on Reset Enable Bit (Write Protect)
SYS_SRAM_BISTCTL
[7] PDMABIST
PDMA BIST Enable Bit (Write Protect)
SYS_SRAM_BISTCTL
[4] USBBIST
USB BIST Enable Bit (Write Protect)
SYS_PORDISAN
[15:0] POROFFAN
Power-on Reset Enable Bit (Write Protect)
NMIEN
[15] UART1_INT
UART1 NMI Source Enable (Write Protect)
NMIEN
[14] UART0_INT
UART0 NMI Source Enable (Write Protect)
NMIEN
[13] EINT5
External Interrupt From PB.7 or PF.14 Pin NMI Source Enable (Write
Protect)
NMIEN
[12] EINT4
External Interrupt From PA.8, PB.6 or PF.15 Pin NMI Source Enable
(Write Protect)
NMIEN
[11] EINT3
External Interrupt From PB.2 or PC.7 Pin NMI Source Enable (Write
Protect)
NMIEN
[10] EINT2
External Interrupt From PB.3 or PC.6 Pin NMI Source Enable (Write
Protect)
NMIEN
[9] EINT1
External Interrupt From PA.7, PB.4 or PD.15 Pin NMI Source Enable
(Write Protect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com