công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F337PFM bảng dữ liệu(PDF) 4 Page - Fuji Electric

tên linh kiện MB90F337PFM
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90F337PFM bảng dữ liệu(HTML) 4 Page - Fuji Electric

  MB90F337PFM Datasheet HTML 1Page - Fuji Electric MB90F337PFM Datasheet HTML 2Page - Fuji Electric MB90F337PFM Datasheet HTML 3Page - Fuji Electric MB90F337PFM Datasheet HTML 4Page - Fuji Electric MB90F337PFM Datasheet HTML 5Page - Fuji Electric MB90F337PFM Datasheet HTML 6Page - Fuji Electric MB90F337PFM Datasheet HTML 7Page - Fuji Electric MB90F337PFM Datasheet HTML 8Page - Fuji Electric MB90F337PFM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MB90335 Series
4
s
s
s
s PRODUCT LINEUP
1.
MB90335 Series
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to the MB2147-
01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply Switching) about details.
s PACKAGES AND PRODUCT MODELS
: Yes
× : No
Note : For detailed information on each package, see “s PACKAGE DIMENSIONS”.
Part number
MB90V330A
MB90F337
MB90337
Type
For evaluation
Built-in FLASH MEMORY
Built-in Mask ROM
ROM capacity
No
64 Kbyte
RAM capacity
28 Kbyte
4 Kbyte
Emulator-specific
power supply *
Used bit
CPU functions
Number of basic instructions
Minimum instruction execu-
tion time
Addressing type
Program Patch Function
maximum memory space
: 351 instructions
: 41.6 ns / at oscillation of 6 MHz
(When 4 times is used : Machine clock of 24 MHz)
: 23 types
: For two address pointers
: 16 Mbyte
Ports
I/O Ports(CMOS) 45 ports
UART
Equipped with full-duplex double buffer
Clock synchronous or asynchronous operation selectable.
It can also be used for I/O serial.
Built-in special baud-rate generator
Built-in 2 channels
16-bit reload timer
16-bit reload timer operation
Built-in 1 channel
Multi-functional timer
8/16-bit PPG timer (8-bit mode
× 4 channels, 16-bit mode × 2 channels)
16-bit PWC timer
× 1 channel
DTP/External interrupt
8 channels
Interrupt factor : “L”
→“H” edge /“H”→“L” edge /“L” level /“H” level selectable
I2C
1 channel
Extended I/O serial interface
1 channel
USB
1 channel
USB function (conform to USB 2.0 Full Speed)
USB Mini-HOST function
Withstand voltage of 5 V
6 ports (Excluding VBUS and I/O for I2C)
Low Power Consumption
Mode
Sleep mode/Timebase timer mode/Stop mode/CPU intermittent mode
Process
CMOS
Operating voltage VCC
3.3 V
± 0.3 V (at maximum machine clock 24 MHz)
Package
MB90337
MB90F337
MB90V330A
FPT-64P-M09 (LQFP-0.65 mm)
×
PGA-299C-A01 (PGA)
×
×
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com