công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F337PFM bảng dữ liệu(PDF) 32 Page - Fuji Electric

tên linh kiện MB90F337PFM
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90F337PFM bảng dữ liệu(HTML) 32 Page - Fuji Electric

Back Button MB90F337PFM Datasheet HTML 28Page - Fuji Electric MB90F337PFM Datasheet HTML 29Page - Fuji Electric MB90F337PFM Datasheet HTML 30Page - Fuji Electric MB90F337PFM Datasheet HTML 31Page - Fuji Electric MB90F337PFM Datasheet HTML 32Page - Fuji Electric MB90F337PFM Datasheet HTML 33Page - Fuji Electric MB90F337PFM Datasheet HTML 34Page - Fuji Electric MB90F337PFM Datasheet HTML 35Page - Fuji Electric MB90F337PFM Datasheet HTML 36Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
MB90335 Series
32
4.
16 - bit Reload Timer
The 16-bit reload timer has the internal clock mode to be decrement in synchronization with three different
internal clocks and the event count mode to decrement upon detection of an arbitrary edge of the pulse input
to the external pin. Either can be selected. This timer defines when the count value changes from 0000H to
FFFFH as an underflow. The timer therefore causes an underflow when the count reaches [reload register
setting +1]. Either mode can be selected for the count operation from the reload mode which repeats the count
by reloading the count setting value at the underflow occurrence or the one-shot mode which stops the count
at the underflow occurrence. The interrupt can be generated at the counter underflow occurrence so as to
correspond to the DTC.
• Register list
• Timer control status register
Timer control status register (Higher) (TMCSR0)
Timer control status register (Lower) (TMCSR0)
• 16-bit timer register/16-bit reload register
TMR0/TMRLR0 (Higher)
TMR0/TMRLR0 (Lower)
Initial Value
Address : 000063H
XXXX0000B
Initial Value
Address : 000062H
00000000B
Initial Value
Address : 000065H
XXXXXXXXB
Initial Value
Address : 000064H
XXXXXXXXB
(
 )(  )(  )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
(
 )

CSL1
CSL0
MOD2
MOD1
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
OUTE
( R/W )
MOD0
OUTL
RELD
INTE
UF
CNTE
TRG
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
15
14
13
12
11
10
9
8
D14
( R/W )
D15
D13
D12
D11
D10
D09
D08
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
( R/W )
76
5
4
3
2
1
0
D06
( R/W )
D07
D05
D04
D03
D02
D01
D00
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com