công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F337PFM bảng dữ liệu(PDF) 3 Page - Fuji Electric

tên linh kiện MB90F337PFM
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90F337PFM bảng dữ liệu(HTML) 3 Page - Fuji Electric

  MB90F337PFM Datasheet HTML 1Page - Fuji Electric MB90F337PFM Datasheet HTML 2Page - Fuji Electric MB90F337PFM Datasheet HTML 3Page - Fuji Electric MB90F337PFM Datasheet HTML 4Page - Fuji Electric MB90F337PFM Datasheet HTML 5Page - Fuji Electric MB90F337PFM Datasheet HTML 6Page - Fuji Electric MB90F337PFM Datasheet HTML 7Page - Fuji Electric MB90F337PFM Datasheet HTML 8Page - Fuji Electric MB90F337PFM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
MB90335 Series
3
s
s
s
s INTERNAL PERIPHERAL FUNCTION (RESOURCE)
•••• I/O port: Max 45 ports
•••• Time-base timer : 1channel
•••• Watchdog timer : 1 channel
•••• 16-bit reload timer : 1 channel
•••• Multi-functional timer
• 8/16-bit PPG timer (8-bit
× 4 channels or 16-bit × 2 channels) the period and duty of the output pulse can be
set by the program.
• 16-bit PWC timer : 1 channel
Timer function and pulse width measurement function
•••• UART : 2 channels
• Equipped with Full duplex double buffer with 8-bit lenghth
• Asynchronous transfer or clock-synchronous serial (I/O extended serial) transfer can be set.
•••• Extended I/O serial interface: 1 channel
•••• DTP/External interrupt circuit (8 channels)
• Activate the extended intelligent I/O service by external interrupt input
• Interrupt output by external interrupt input
•••• Delayed interrupt output module
• Output an interrupt request for task switching
•••• USB : 1 channel
• USB function (conform to USB 2.0 Full Speed)
• Supports for Full Speed/Endpoint are specifiable up to six.
• Dual port RAM (The FIFO mode is supported).
• Transfer type: Control, Interrupt, Bulk or Isochronous transfer possible
• USB Mini Host function
•••• I2C Interface : 1 channel
• Supports Intel SM bus standards and Phillips I2C bus standards
• Two-wire data transfer protocol specification
• Master and slave transmission/reception
Note : I2C licenae :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use,
these components in an I2C system provided that the system conforms to the I2C Standard Specification as
defined by Phillips.
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com