công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9154-EBZ bảng dữ liệu(PDF) 119 Page - Analog Devices

tên linh kiện AD9154-EBZ
Giải thích chi tiết về linh kiện  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ bảng dữ liệu(HTML) 119 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 115Page - Analog Devices AD9154-EBZ Datasheet HTML 116Page - Analog Devices AD9154-EBZ Datasheet HTML 117Page - Analog Devices AD9154-EBZ Datasheet HTML 118Page - Analog Devices AD9154-EBZ Datasheet HTML 119Page - Analog Devices AD9154-EBZ Datasheet HTML 120Page - Analog Devices AD9154-EBZ Datasheet HTML 121Page - Analog Devices AD9154-EBZ Datasheet HTML 122Page - Analog Devices AD9154-EBZ Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 119 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x46D
BADDISPARITY
7
RSTIRQ_DIS
Reset BADDIS IRQ counter for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
6
DISABLE_ERRCNT
_DIS
Disable the BADDIS error counter for lane selected
via Bits[2:0] by writing 1 to this bit.
0x0
W
5
RSTERRCNTR_DIS
Reset BADDIS error counter for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[7:0]
BADDIS
Bad Disparity Character Error (BADDIS).
0x0
R
Each bit corresponds to each lane. The error count
can be accessed via Register 0x46B. Note that in dual
link mode, only Bits[3:0] are used for each link.
1 BadDisparitycharacter error count has reached the
threshold count of Register 0x7C for any lane with its
corresponding bit set when reading this register.
0 Bad Disparity character error count has Not reached
the threshold count.
[2:0]
LANEADDR_DIS
Lane Address for functions described in Bits[7:5]
0x0
W
0x46E
NITDISPARITY
7
RSTIRQ_NIT
Reset IRQ for lane selected via Bits[2:0] by writing 1
to this bit.
0x0
W
6
DISABLE_
ERRCNT_NIT
Disable the error counter for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
5
RSTERRCNTR_NIT
Reset error counter for lane selected via Bits[2:0] by
writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[7:0]
NITD
Not In Table Disparity Character Error (NITD).
0x0
R
Each bit corresponds to each lane. The error count
can be accessed via Register 0x46B. Note that in dual
link mode, only Bits[3:0] are used for each link.
[2:0]
LANEADDR_NIT
Lane Address for functions described in Bits[7:5].
0x0
W
0x46F
UNEXPECTEDK
CHAR
7
RSTIRQ_K
Reset IRQ for lane selected via Bits[2:0] by writing 1
to this bit.
0x0
W
6
DISABLE_ERRCNT
_K
Disable the error counter for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
5
RSTERRCNTR_K
Reset error counter for lane selected via Bits[2:0] by
writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[2:0]
LANEADDR_K
Lane Address for functions described in Bits[7:5].
0x0
W
0x470
CODEGRP-
SYNCFLG
[7:0]
CODEGRPSYNC
Code Group Sync Flag (from each instantiated lane)
0x0
R/W
Writing 1 to Bit 7 resets the IRQ. The associated IRQ
flag is located in Register 0x470[0].
A loss of CODEGRPSYNC triggers Sync Request
assertion. Refer to the SYSREF, SYNCOUT, and the
Deterministic Latency section.
1 on Bit x of this register = synchronization was
achieved on lane L.
0 on Bit x of this register = synchronization was lost
on Lane x.
0x471
FRAMESYNC-
FLG
[7:0]
FRAMESYNC
Frame Sync Flag (from each instantiated lane).
0x0
R/W
This register indicates the live status for each lane.
Writing 1 to Bit 7 resets the IRQ.
A loss of Frame Sync automatically initiates a
synchronization sequence.
0x472
GOODCHK-
SUMFLG
[7:0]
GOOD-
CHECKSUM
Good Check Sum flag (from each instantiated lane.)
0x0
R/W
Writing 1 to Bit 7 resets the IRQ. The associated IRQ
flag is located in Register 0x470[2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com