công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBM29PL64LM bảng dữ liệu(PDF) 58 Page - SPANSION

tên linh kiện MBM29PL64LM
Giải thích chi tiết về linh kiện  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM bảng dữ liệu(HTML) 58 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 54Page - SPANSION MBM29PL64LM Datasheet HTML 55Page - SPANSION MBM29PL64LM Datasheet HTML 56Page - SPANSION MBM29PL64LM Datasheet HTML 57Page - SPANSION MBM29PL64LM Datasheet HTML 58Page - SPANSION MBM29PL64LM Datasheet HTML 59Page - SPANSION MBM29PL64LM Datasheet HTML 60Page - SPANSION MBM29PL64LM Datasheet HTML 61Page - SPANSION MBM29PL64LM Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
MBM29PL64LM90/10
57
555h/AAh
555h/80h
2AAh/55h
555h/AAh
555h/10h
2AAh/55h
555h/AAh
555h/80h
2AAh/55h
555h/AAh
Sector Address
/30h
Sector Address
/30h
Sector Address
/30h
2AAh/55h
Erasure Completed
Data
= FFh
?
Data Polling
Write Erase
Command Sequence
(See Below)
Start
No
Yes
Embedded
Erase
Algorithm
in progress
Chip Erase Command Sequence
(Address/Command)
:
Individual Sector/Multiple Sector
Erase Command Sequence
(Address/Command)
:
Additional sector
erase commands
are optional.
EMBEDDED ALGORITHMS
Note : The sequence is applied for Word (
×16 ) mode.
The addresses differ from Byte (
× 8 ) mode.
Embedded EraseTM Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69