| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBM29PL64LM bảng dữ liệu(PDF) 38 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM bảng dữ liệu(HTML) 38 Page - SPANSION |
|
38 / 69 page ![]() MBM29PL64LM90/10 37 *1 : The lCC current listed includes both the DC operating current and the frequency dependent component. *2 : Maximum ICC values are tested with VCC = VCC Max, and VCCQ = VCCQ Max. VCCQ is only for MBM29PL64LMxxPCN : 56 pin TSOP. *3 : ICC active while Embedded Erase or Embedded Program or Write Buffer Programming is in progress. *4 : Automatic sleep mode enables the low power mode when address remain stable for tACC + 30 ns. |