| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M192 bảng dữ liệu(PDF) 49 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M192 bảng dữ liệu(HTML) 49 Page - SMSC Corporation |
|
49 / 228 page ![]() SMSC DS – LPC47M192 Page 49 Rev. 03/30/05 DATASHEET WRITE DATA DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W MT MFM 0 0 0 1 0 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W C Sector ID information prior to Command execution. W H W R W N W EOT W GPL W DTL Execution Data transfer between the FDD and system. Result R ST0 Status information after Com- mand execution. R ST1 R ST2 R C Sector ID information after Command execution. R H R R R N WRITE DELETED DATA DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W MT MFM 0 0 1 0 0 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W C Sector ID information prior to Command execution. W H W R W N W EOT W GPL W DTL Execution Data transfer between the FDD and system. Result R ST0 Status information after Command execution. R ST1 R ST2 R C Sector ID information after Command execution. R H R R R N |