công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS77C1001 bảng dữ liệu(PDF) 40 Page - Hynix Semiconductor

tên linh kiện GMS77C1001
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 bảng dữ liệu(HTML) 40 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 41Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 42Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 43Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 44Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
37
16. Power-Down Mode (SLEEP)
For applications where power consumption is a critical
factor, device provides power down mode with Watchdog
operation. Executing of SLEEP Instruction is entrance to
SLEEP mode. In the SLEEP mode, oscillator is turn off
and system clock is disable and all functions is stop, but all
registers and RAM data is held. The wake-up sources from
SLEEP mode are external RESET pin reset and watchdog
time-overflow reset.
16.1 SLEEP
The Power-Down mode is entered by executing a SLEEP
instruction. If enabled, the Watchdog Timer will be cleared
but keeps running, the TO bit (STATUS<4>) is set, the PD
bit (STATUS<3>) is cleared and the oscillator driver is
turned off. The I/O ports maintain the status they had be-
fore the SLEEP instruction was executed (driving high,
driving low, or hi-impedance).
It should be noted that a RESET generated by a WDT time-
out does not drive the RESET pin low.
For lowest current consumption while powered down, the
EC0 input should be at VDD or VSS and the RESET pin
must be at a logic high level .
FIGURE 16-1 TIMING DIAGRAM OF WAKE-UP FROM SLEEP MODE DUE TO EXTERNAL RESET PIN RESET
FIGURE 16-2 TIMING DIAGRAM OF WAKE-UP FROM SLEEP MODE DUE TO WATCHDOG TIME-OVERFLOW RESET
Oscillator
(XIN pin)
Internal
System Clock
Internal
RESET
RESET
Fetch SLEEP
Execute SLEEP
Fetch RESET vector
Instruction
TIRT
Oscillator
(XIN pin)
Internal
System Clock
Internal
RESET
WDT
Fetch SLEEP
Execute SLEEP
Fetch RESET vector
Instruction
TIRT
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com