công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC1F628 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện PIC1F628
Giải thích chi tiết về linh kiện  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 11Page - Microchip Technology PIC1F628 Datasheet HTML 12Page - Microchip Technology PIC1F628 Datasheet HTML 13Page - Microchip Technology PIC1F628 Datasheet HTML 14Page - Microchip Technology PIC1F628 Datasheet HTML 15Page - Microchip Technology PIC1F628 Datasheet HTML 16Page - Microchip Technology PIC1F628 Datasheet HTML 17Page - Microchip Technology PIC1F628 Datasheet HTML 18Page - Microchip Technology PIC1F628 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 13
PIC16F62X
3.0
MEMORY ORGANIZATION
3.1
Program Memory Organization
The PIC16F62X has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. Only
the first 1K x 14 (0000h - 03FFh) for the PIC16F627
and 2K x 14 (0000h - 07FFh) for the PIC16F628 are
physically implemented. Accessing a location above
these boundaries will cause a wrap-around within the
first 1K x 14 space (PIC16F627) or 2K x 14 space
(PIC16F628). The RESET vector is at 0000h and the
interrupt vector is at 0004h (Figure 3-1).
FIGURE 3-1:
PROGRAM MEMORY MAP
AND STACK
3.2
Data Memory Organization
The data memory (Figure 3-2) is partitioned into four
banks, which contain the general purpose registers and
the Special Function Registers (SFR). The SFR’s are
located in the first 32 locations of each Bank. Register
locations 20-7Fh, A0h-FFh, 120h-14Fh, 170h-17Fh
and
1F0h-1FFh
are
general
purpose
registers
implemented as static RAM.
The Table below lists how to access the four banks of
registers:
Addresses F0h-FFh, 170h-17Fh and 1F0h-1FFh are
implemented as common RAM and mapped back to
addresses 70h-7Fh.
3.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 224 x 8 in the
PIC16F62X. Each is accessed either directly or
indirectly through the File Select Register FSR (See
Section 3.4).
PC<12:0>
13
000h
0004
0005
03FFh
1FFFh
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
07FFh
PIC16F627 and
PIC16F628
PIC16F628 only
On-chip Program
Memory
RP1
RP0
Bank0
00
Bank1
01
Bank2
10
Bank3
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com