| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC1F628 bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC1F628 bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 170 page ![]() 2003 Microchip Technology Inc. Preliminary DS40300C-page 35 PIC16F62X FIGURE 5-8: BLOCK DIAGRAM OF RB0/INT PIN FIGURE 5-9: BLOCK DIAGRAM OF RB1/RX/DT PIN Data Bus WR PORTB WR TRISB RD PORTB Data Latch TRIS Latch RB0/INT INT Q D CK EN QD EN RD TRISB RBPU P V DD V DD V SS Q Q D CK Q Weak Pull-up Schmitt TTL Input Buffer Trigger Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK 0 1 WR PORTB WR TRISB Schmitt Trigger Peripheral OE(2) Data Bus PORT/PERIPHERAL Select(1) USART Data Output USART Receive Input RBPU V DD P EN QD V DD V SS Note 1: Port/Peripheral select signal selects between port data and peripheral output. 2: Peripheral OE (output enable) is only active if peripheral select is active. RD PORTB RX/DT RB1/ TTL Input Buffer Weak Pull-up |