công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC1F628 bảng dữ liệu(PDF) 55 Page - Microchip Technology

tên linh kiện PIC1F628
Giải thích chi tiết về linh kiện  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 bảng dữ liệu(HTML) 55 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 51Page - Microchip Technology PIC1F628 Datasheet HTML 52Page - Microchip Technology PIC1F628 Datasheet HTML 53Page - Microchip Technology PIC1F628 Datasheet HTML 54Page - Microchip Technology PIC1F628 Datasheet HTML 55Page - Microchip Technology PIC1F628 Datasheet HTML 56Page - Microchip Technology PIC1F628 Datasheet HTML 57Page - Microchip Technology PIC1F628 Datasheet HTML 58Page - Microchip Technology PIC1F628 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 53
PIC16F62X
9.0
COMPARATOR MODULE
The
Comparator
module
contains
two
analog
comparators. The inputs to the comparators are
multiplexed with the RA0 through RA3 pins. The On-
chip Voltage Reference (Section 10.0) can also be an
input to the comparators.
The CMCON register, shown in Register 9-1, controls
the comparator input and output multiplexers. A block
diagram of the comparator is shown in Figure 9-1.
REGISTER 9-1:
CMCON REGISTER (ADDRESS: 01Fh)
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
bit 7
bit 0
bit 7
C2OUT: Comparator 2 Output
When C2INV = 0:
1
= C2 V
IN+ > C2 VIN-
0
= C2 V
IN+ < C2 VIN-
When C2INV = 1:
1
= C2 V
IN+ < C2 VIN-
0
= C2 V
IN+ > C2 VIN-
bit 6
C1OUT: Comparator 1 Output
When C1INV = 0:
1
= C1 V
IN+ > C1 VIN-
0
= C1 V
IN+ < C1 VIN-
When C1INV = 1:
1
= C1 V
IN+ < C1 VIN-
0
= C1 V
IN+ > C1 VIN-
bit 5
C2INV: Comparator 2 Output Inversion
1
= C2 Output inverted
0
= C2 Output not inverted
bit 4
C1INV: Comparator 1 Output Inversion
1
= C1 Output inverted
0
= C1 Output not inverted
bit 3
CIS: Comparator Input Switch
When CM2:CM0: = 001
Then:
1
= C1 V
IN- connects to RA3
0
= C1 V
IN- connects to RA0
When CM2:CM0 = 010
Then:
1
= C1 V
IN- connects to RA3
C2 V
IN- connects to RA2
0
= C1 V
IN- connects to RA0
C2 V
IN- connects to RA1
bit 2-0
CM2:CM0: Comparator Mode
Figure 9-1 shows the Comparator modes and CM2:CM0 bit settings
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com