công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX6SLLIEC bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện IMX6SLLIEC
Giải thích chi tiết về linh kiện  i.MX 6SLL
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLIEC bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button IMX6SLLIEC Datasheet HTML 35Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 36Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 37Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 38Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 39Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 40Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 41Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 42Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Electrical Characteristics
i.MX 6SLL Applications Processors for Industrial Products, Rev. 0.2, 11/2017
NXP Semiconductors
39
Figure 12 shows the LPDDR2 and LPDDR3 read timing diagram. The timing parameters for this
diagram appear in Table 34.
Figure 12. LPDDR2 and LPDDR3 Read Cycle
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DRAM_SDQSx_P
in the middle of DRAM_DATA_xx window.
2 All measurements are in reference to Vref level.
3 Measurements were done using balanced load and 25
 resistor from outputs to DRAM_VREF.
4.10
External Peripheral Interface Parameters
The following subsections provide information on external peripheral interfaces.
4.10.1
AUDMUX Timing Parameters
The AUDMUX provides a programmable interconnect logic for voice, audio, and data routing between
internal serial interfaces (SSIs) and external serial interfaces (audio and voice codecs). The AC timing of
AUDMUX external pins is governed by the SSI module. For more information, see the respective SSI
electrical specifications found within this document.
4.10.2
CMOS Sensor Interface (CSI) Timing Parameters
4.10.2.1
Gated Clock Mode Timing
Figure 13 and Figure 14 shows the gated clock mode timings for CSI, and Table 35 describes the timing
parameters (P1–P7) shown in the figures. A frame starts with a rising/falling edge on CSI_VSYNC
Table 34. LPDDR2 and LPDDR3 Read Cycle
ID
Parameter
Symbol
CK = 400 MHz
Unit
Min
Max
LP26
Minimum required DRAM_DATAxx valid window width for LPDDR2
and LPDDR3
—
270
—
ps
DRAM_SDCLKx_P
DRAM_SDCLKx_N
DRAM_SDQSx_P
DRAM_DATAxx
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LP26
(input)
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com