công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX6SLLIEC bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện IMX6SLLIEC
Giải thích chi tiết về linh kiện  i.MX 6SLL
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLIEC bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button IMX6SLLIEC Datasheet HTML 17Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 18Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 19Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 20Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 21Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 22Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 23Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 24Page - NXP Semiconductors IMX6SLLIEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Electrical Characteristics
i.MX 6SLL Applications Processors for Industrial Products, Rev. 0.2, 11/2017
NXP Semiconductors
21
4.1.5
Maximum Supply Currents
The numbers shown in Table 11 represent the maximum current consumption possible.
See the i.MX 6SLL Power Consumption Measurement Application Note for more details on typical power
consumption under various use case definitions.
Table 11. Maximum Supply Currents
Power Line
Conditions
Max Current
Unit
VDD_ARM_IN
800 MHz Arm clock based on
Power Virus operation
1100
mA
VDD_SOC_IN
800 MHz Arm clock
650
mA
VDD_HIGH_IN
—
1001
1 The actual maximum current drawn from VDD_HIGH_IN will be as shown plus any additional current drawn from the
VDD_HIGH_CAP outputs, depending upon actual application configuration (for example, NVCC_DRAM_2P5 supplies).
mA
VDD_SNVS_IN
—
2502
2 The maximum VDD_SNVS_IN current may be higher depending on specific operating configurations, such as
BOOT_MODE[1:0] not equal to 00, or use of the Tamper feature. During initial power on, VDD_SNVS_IN can draw up to 1 mA,
if available. VDD_SNVS_CAP charge time will increase if less than 1 mA is available.
A
USB_OTG1_VBUS
USB_OTG2_VBUS
—253
3 This is the maximum current per active USB physical interface.
mA
Primary Interface (IO) Supplies
NVCC_DRAM
—
(see4)
4 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators
are typically available from the memory vendors. They take in account factors, such as signal termination.
See the i.MX 6SLL Power Consumption Measurement Application Note or examples of DRAM power consumption during
specific use case scenarios.
NVCC33_IO
N=156
Use maximum IO Equation5
5 General equation for estimated, maximum power consumption of an IO power supply:
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.
NVCC18_IO
N=156
Use maximum IO Equation5
mA
MISC
DRAM_VREF
—
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com