công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC409LP4E bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện HMC409LP4E
Giải thích chi tiết về linh kiện  GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC409LP4E bảng dữ liệu(HTML) 1 Page - Analog Devices

  HMC409LP4E Datasheet HTML 1Page - Analog Devices HMC409LP4E Datasheet HTML 2Page - Analog Devices HMC409LP4E Datasheet HTML 3Page - Analog Devices HMC409LP4E Datasheet HTML 4Page - Analog Devices HMC409LP4E Datasheet HTML 5Page - Analog Devices HMC409LP4E Datasheet HTML 6Page - Analog Devices HMC409LP4E Datasheet HTML 7Page - Analog Devices HMC409LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HMC409LP4E
v04.1217
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General Description
Features
Functional Diagram
The HmC409lp4e are high efficiency GaAs inGap
HBT mmiC power amplifiers operating from 3.3 to
3.8 GHz. The amplifier is packaged in a low cost,
leadless smT package. Utilizing a minimum of
external components the amplifier provides 31 dB
of gain and +32.5 dBm of saturated power from a
+5V supply voltage. The power control (Vpd) can be
used for full power down or rf output power/current
control. for +22 dBm ofDm output power (64 QAm,
54 mbps), the HmC409lp4e achieve an error vector
magnitude (eVm) of 2%, meeting wimAX 802.16 lin-
earity requirements.
Gain: 31 dB
40% pAe @ +32.5 dBm pout
2% eVm @ pout = +22 dBm
with 54mbps ofDm signal
+46 dBm output ip3
integrated power Control (Vpd)
single +5V supply
Electrical Specifications, T
A = +25° C, Vs = +5V, Vpd = +5V, Vbias=+5V
Typical Applications
This amplifier is ideal for use as a power
amplifier for 3.3 - 3.8 GHz applications:
• wimAX 802.16
• fixed wireless Access
• wireless local loop
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
3.3 - 3.4
3.4 - 3.6
3.6 - 3.8
GHz
Gain
30
32
29
31.5
28
30
dB
Gain Variation over Temperature
0.04
0.05
0.04
0.05
0.035
0.045
dB/ °C
input return loss
10
15
15
dB
output return loss
13
14
10
dB
output power for 1dB Compression (p1dB)
28
30
28
30.5
28
30.5
dBm
saturated output power (psat)
32
32.5
32
dBm
output Third order intercept (ip3) [2]
41
45
42
45.5
41
45
dBm
error Vector magnitude @ 3.5 GHz
(54 mbps ofDm signal @ +22 dBm pout)
2
%
noise figure
5.8
5.8
6
dB
supply Current (icq)
Vs= Vcc1 + Vcc2= +5V
615
615
615
mA
Control Current (ipd)
Vpd = +5V
4
4
4
mA
switching speed
ton, toff
20
20
20
ns
Bias Current (ibias)
10
10
10
mA
note 1: specifications and data reflect HmC409lp4e measured using the application circuit found herein. Contact the HmC Applications Group for
assistance in optimizing performance for your application.
note 2: Two-tone output power of +15 dBm per tone, 1 mHz spacing.


Số phần tương tự - HMC409LP4E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hittite Microwave Corpo...
HMC409LP4E HITTITE-HMC409LP4E Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC409LP4E HITTITE-HMC409LP4E Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
More results

Mô tả tương tự - HMC409LP4E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com