công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC409LP4E bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện HMC409LP4E
Giải thích chi tiết về linh kiện  GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC409LP4E bảng dữ liệu(HTML) 7 Page - Analog Devices

  HMC409LP4E Datasheet HTML 1Page - Analog Devices HMC409LP4E Datasheet HTML 2Page - Analog Devices HMC409LP4E Datasheet HTML 3Page - Analog Devices HMC409LP4E Datasheet HTML 4Page - Analog Devices HMC409LP4E Datasheet HTML 5Page - Analog Devices HMC409LP4E Datasheet HTML 6Page - Analog Devices HMC409LP4E Datasheet HTML 7Page - Analog Devices HMC409LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
7
HMC409LP4E
v04.1217
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
pin number
function
Description
interface schematic
1-3, 5, 6, 8, 10 -14,
18, 19, 21, 22, 24
n/C
no connection required. These pins may be connected to
rf/DC ground without affecting performance.
4
rfin
This pin is AC coupled
and matched to 50 ohms.
7
Vpd
power control pin. for maximum power, this pin should
be connected to 5V thru a 56 Ω resistor. A high-voltage or
small resistor is not recommended for lower idle current.
This voltage can be reduced or the resistor increased.
9
Vbias
DC power supply pin for bias circuitry
15, 16, 17
rfoUT
rf output and DC bias for the output stage.
20
Vcc2
power supply voltage for the second amplifier stage.
external bypass capacitors and pull up choke are required
as shown in the application schematic.
23
Vcc1
power supply voltage for the first amplifier stage. external
bypass capacitors are required as shown in the application
schematic.
GnD
Ground: Backside of package has exposed metal ground
slug that must be connected to ground thru a short path.
Vias under the device are required.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com