| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS39513 bảng dữ liệu(PDF) 77 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 bảng dữ liệu(HTML) 77 Page - ams AG |
|
77 / 108 page ![]() ams Datasheet Page 77 [v1-10] 2018-Apr-25 Document Feedback AS39513 − Detailed Description Write AFI Command Write AFI Command Request: Write AFI Command Reply: The write AFI command writes the one byte application family identifier (AFI) to the EEPROM’s System area. In order to be written, the access state must allow access to the System memory, and the AFI must not have been locked. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.84. Lock AFI Command Lock AFI Command Request: Lock AFI Command Reply: The lock AFI command sets the bit in System EEPROM, AFI_LK, to mark as “read-only” the one-byte AFI value. No access passwords need to be set prior to using this command. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.94. SOF Flags Command UID AFI CRC EOF NFLAGS 0x27 64 bits 8 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits 4. For more information, please refer to the respective section of ISO/IEC 15693-3 specification (second edition, 2009-04-15). SOF Flags Command UID CRC EOF NFLAGS 0x28 64 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits |