công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS39513 bảng dữ liệu(PDF) 67 Page - ams AG

tên linh kiện AS39513
Giải thích chi tiết về linh kiện  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS39513 bảng dữ liệu(HTML) 67 Page - ams AG

Back Button AS39513 Datasheet HTML 63Page - ams AG AS39513 Datasheet HTML 64Page - ams AG AS39513 Datasheet HTML 65Page - ams AG AS39513 Datasheet HTML 66Page - ams AG AS39513 Datasheet HTML 67Page - ams AG AS39513 Datasheet HTML 68Page - ams AG AS39513 Datasheet HTML 69Page - ams AG AS39513 Datasheet HTML 70Page - ams AG AS39513 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
ams Datasheet
Page 67
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
RFID Commands
All of the RFID commands for the AS39513 follow the standard
ISO15693 format. In general, each command has a request and
a response. When powered, the RFID interface has three
possible states: ready, quiet, and selected, as specified in the
ISO15693 standard.
Figure 44:
ISO15693 State Diagram
Note(s):
1. Duplicate of ISO15693-3 selected state diagram
Any other Command
where Select_flag is not set
In Field
Reset to ready
Any other command where the
Adddress_flag is set
AND where Inventory_flag is not set
Reset to Ready
where Select_flag is set
or Select (different UID)
Any other command
Select (UID)
Stay quiet(UID)
Out of Field
Out of Field
Out of Field
Power-off
Ready
Quiet
Select(UID)
Stay quiet(UID)
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More