công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP1011ACB bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện HIP1011ACB
Giải thích chi tiết về linh kiện  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011ACB bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  HIP1011ACB Datasheet HTML 1Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 2Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN4631 Rev 5.00
Page 1 of 11
November 16, 2004
FN4631
Rev 5.00
November 16, 2004
HIP1011A
PCI Hot Plug Controller
DATASHEET
The HIP1011A is the second PCI Hot Plug Voltage bus
control IC from Intersil. A drop-in alternative to the widely
used HIP1011, the HIP1011A has the same form, fit and
function but additionally features an adjustable latch-off time
of the MOSFET switches and fault reporting.
Like the HIP1011, the HIP1011A creates a small and simple
yet complete power control solution with discrete power
MOSFETs and a few passive components. Four
independent supplies are controlled, +5V, +3.3, +12V, and
-12V. The +12V and -12V switches are integrated. For the
+5V and +3.3V supplies, overcurrent (OC) protection is
provided by sensing the voltage across external current-
sense resistors. For the +12V and -12V supplies OC
protection is provided internally. In addition, an on-chip
reference is used to monitor the +5V, +3.3V and +12V
outputs for undervoltage (UV) conditions. The PWRON input
controls the state of the switches. During an OC condition on
any output, or a UV condition on the +5V, +3.3V or +12V
outputs, a LOW (0V) is asserted on the FLTN output and all
MOSFETs are latched-off. The time to FLTN signal going
LOW and MOSFET latch-off is determined by a single
capacitor from the FLTN pin to ground. This added feature
allows the system OS to complete housekeeping activities in
preparation for an unplanned shut down of the affected card.
The FLTN latch is cleared when the PWRON input is toggled
low again. During initial power-up of the main VCC supply
(+12V), the PWRON input is inhibited from turning on the
switches, and the latch is held in the Reset state until the
VCC input is greater than 10V.
User programmability of the overcurrent threshold, fault
reporting response time, latch-off response time and turn-on
slew rate is provided. A resistor connected to the OCSET pin
programs the OC threshold. A capacitor may be added to
the FLTN pin to adjust both the delay time to reporting a fault
and the latch-off of the supplies after an OC or UV event.
Capacitors connected to the gate pins set the turn-on rate. In
addition the HIP1011A has also been enhanced to tolerate
spurious system noise.
Features
• Adjustable Delay Time for Turn-Off and Fault Reporting
• Controls All PCI Supplies: +5V, +3.3V, +12V, -12V
• Internal MOSFET Switches for +12V and -12V Outputs
•
P Interface for On/Off Control and Fault Reporting
• Adjustable Overcurrent Protection for All Supplies
• Provides Fault Isolation
• Adjustable Turn-On Slew Rate
• Minimum Parts Count Solution
• No Charge Pump
• Pb-Free Available (RoHS Compliant)
Applications
• PCI Hot Plug
• CompactPCI
Pinout
HIP1011A
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
HIP1011ACB
0 to 70
16 Ld SOIC
M16.15
HIP1011ACBZA
(See Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HIP1011ACB-T
0 to 70
Tape and Reel
HIP1011ACBZA-T
(See Note)
0 to 70
Tape and Reel (Pb-free)
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
OCSET
3VS
M12VO
12VG
GND
12VO
M12VG
5VISEN
5VS
PWRON
NOT REC
OMMEND
ED FOR N
EW DESI
GNS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Suppo
rt Center
at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Số phần tương tự - HIP1011ACB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HIP1011ACB INTERSIL-HIP1011ACB Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011ACB INTERSIL-HIP1011ACB Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011ACB-T INTERSIL-HIP1011ACB-T Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011ACB-T INTERSIL-HIP1011ACB-T Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011ACBZA INTERSIL-HIP1011ACBZA Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
More results

Mô tả tương tự - HIP1011ACB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
PCI Hot Plug Controller
March 2000
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com