công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP1011ACB bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện HIP1011ACB
Giải thích chi tiết về linh kiện  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011ACB bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button HIP1011ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 9Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 10Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HIP1011A
FN4631 Rev 5.00
Page 9 of 11
November 16, 2004
ARE THERE PCB LAYOUT DESIGN BEST PRACTICES
TO FOLLOW? WHAT ARE THEY?
As with most innovative ICs performing critical tasks there
are crucial PCB layout best practices to follow for optimal
performance. PCB traces that connect each end of the
current sense resistors to the HIP1011A must not carry any
load current. This can be accomplished by two dedicated
PCB traces directly from the sense resistor to the HIP1011A,
see examples of correct and incorrect layouts in Figure 13.
Typical Applications: HIP1011A PCI Hot
Plug Controller
Introduction to HIP1011A and PCI Hot Plug
Evaluation Board
The HIP1011A is compatible with the PCI Hot Plug
specification as it is derived from the widely used HIP1011.
This device facilitates “HOT PLUGGING”, the removal or
insertion of PCI compliant cards without the need to power
down the server voltage bus. The HIP1011A controls all
four, -12V, +12V, +3.3V, +5V supplies found in PCI
applications, monitoring and protecting all against over
current (OC) and the +12V, +3.3V, +5V for under voltage
(UV) conditions. Reference the PCI Hot Plug specification
available from www.pcisig.com.
Figure 14 illustrates the PCB pattern for implementation of
the HIP1011A with 4 power MOSFETs. Additional
components for optimizing performance in particular
applications, ambient electrical noise levels or desired
features will be necessary. The ease of implementation of
the HIP1011A and MOSFETs is complemented by the small
PCB foot print necessary, since both are available in 0.150
inch SOICs. The typical application requires only 1.1 square
inches of PCB board space.
IS THERE A HIP1011A PCI HOT PLUG EVALUATION
BOARD AVAILABLE?
There is an evaluation board available through your local
Intersil sales office. The HIP1011AEVAL1 board (Figure 15)
is a simple board designed to demonstrate and evaluate the
HIP1011A using an external PWRON signal simulating a
PCI Hot Plug environment. The HIP1011AEVAL1 board
comes in 2 parts, the mother board with the HIP1011A,
MOSFETs with external components and a load board
simulating a ‘typical’ PCI load with adequate space for
modifying the existing load or to add an electronic load. Even
with a number of available test points the HIP1011A
implementation space is still very efficient. In addition, the
demo board offers adequate space to evaluate the
application note discussions found in AN9737.
CORRECT
TO HIP1011A
VS AND VISEN
TO HIP1011A
VS AND VISEN
CURRENT
SENSE RESISTOR
INCORRECT
FIGURE 13. SENSE RESISTOR LAYOUT
FIGURE 14. LAYOUT PLOT, ACTUAL SIZE (0.75in x 1.5in)
1.5in
0.75in



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com