công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP1011ACB bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện HIP1011ACB
Giải thích chi tiết về linh kiện  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011ACB bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button HIP1011ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 9Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 10Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HIP1011A
FN4631 Rev 5.00
Page 8 of 11
November 16, 2004
HIP1011A PCI Hot Plug Controller
Key Feature Description and Operation
A drop-in alternative to the widely used HIP1011, the
HIP1011A additionally features an adjustable delay time to
fault reporting and latch-off of the MOSFET switches. During
an over current condition (OC) on any output, or an under
voltage (UV) condition on the +5V, +3.3V or +12V outputs, a
LOW (0V) is presented on the FLTN output and all
MOSFETs are latched-off. A programmable delay time from
an OC or UV event to the FLTN signal going LOW and
MOSFET latch-off can be designed into the system by a
single capacitor from the FLTN pin to ground. The addition of
an increasingly larger capacitor value on the FLTN pin
increases the time from the OC or UV occurrence to the start
of the FLTN high to low transition. The capacitor also slows
the falling ramp thus delaying reaching the FLTN latch
threshold of ~2.4V. Once the FLTN latch voltage threshold is
reached the HIP1011A then simultaneously shuts down all
four supplies. This added feature enables the HIP1011A to
ignore both transient UV and OC events to the extent of a
single capacitor value in the system design. This feature
also may allow the system OS to complete housekeeping
activities in preparation for a possible unplanned shutdown
of the affected card by receiving an early warning signal from
the HIP1011A.
Customizing and Optimizing Circuit Performance
and Functionality
HOW ADJUSTABLE IS THE FAULT REPORTING DELAY
AND TIME TO POWER SUPPLY LATCH-OFF?
Figure 12 illustrates the relationship between the FLTN
signal and the gate drive outputs. Duration
a, indicates the
time between FLTN starting to transition from High to Low,
(indicating a fault has occurred) and the start of the gate
drive outputs latching off. The latch-off is initiated by the
falling FLTN signal reaching the output latch threshold
voltage, VFLTN, TH. Table 1 illustrates the effect of the FLTN
capacitor on the response time.
CAN THE HIP1011A BE USED ON A CompactPCI
BOARD?
Yes, the HIP1011A can be used on a CompactPCI card
application. See Technical Brief TB358.
NOTE:
3. All capacitors are ±
10%.
FIGURE 11. HIP1011A TYPICAL APPLICATION
12V
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011A
3.3V
12V INPUT
5V
-12V
5V INPUT
-12V INPUT
POWER CONTROL INPUT
0.033
F
0.033
F
6.04k
FAULT OUTPUT (ACTIVE LOW)
(SEE TABLE 1)
5m
 1%
0.033
F
1%
3.3V INPUT
5m
 1%
7.6A OUT
0.5A OUT
0.1A OUT
5A OUT
TABLE 1. RESPONSE TIME TABLE
0.001
F0.1F10F
3V5VG Response
a
0.85
s37s3.8ms
3V5VG
FLTN
a
T1
T2
FIGURE 12. TIMING DIAGRAM
VFLTN, TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com