công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP1011ACB bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện HIP1011ACB
Giải thích chi tiết về linh kiện  PCI Hot Plug Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1011ACB bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  HIP1011ACB Datasheet HTML 1Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 2Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1011ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HIP1011A
FN4631 Rev 5.00
Page 4 of 11
November 16, 2004
Absolute Maximum Ratings
Thermal Information
VCC, 12VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +14.0V
12VO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to V12VIN +0.5V
12VO, 12VG, 3V5VG . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
M12VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15.0V to +0.5V
M12VO, M12VG. . . . . . . . . . . . . . . . . . . . . . VM12VIN-0.5V to +0.5V
3VISEN, 5VISEN . . . . . . . . . . . -0.5V to the Lesser of VCC or +7.0V
Voltage, Any Other Pin . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
12VO Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3A
M12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8A
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4KeV (HBM)
Operating Conditions
VCC Supply Voltage Range. . . . . . . . . . . . . . . . . . +10.8V to +13.2V
12V, 5V and 3.3V Input Supply Tolerances 10%
12VO Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +0.5A
M12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +0.1A
Temperature Range (TA). . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
105
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . .125oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
Die Characteristics
Number of Transistors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 290
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
Nominal 5.0V and 3.3V Input Supply Voltages,
VCC = 12VIN = 12V, M12VIN = -12V, TA = TJ = 0 to 70oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
5V/3.3V SUPPLY CONTROL
5V Overcurrent Threshold
IOC5V
See Typical Application Diagram
-
7.1
-
A
5V Overcurrent Threshold Voltage
VOC5V_1
VOCSET = 0.6V
30
36
42
mV
5V Overcurrent Threshold Voltage
VOC5V_2
VOCSET = 1.2V
66
72
79
mV
5V Undervoltage Trip Threshold
V5VUV
4.42
4.65
4.75
V
5V Undervoltage Fault Response Time
t5VUV
-
150
350
ns
5V Turn-On Time
(PWRON High to 5VOUT = 4.75V)
tON5V
C3V5VG = 0.022F, C5VOUT = 2000F,
RL = 1
-6.5
-
ms
5VS Input Bias Current
IB5VS
PWRON = High
-40
-26
-20
A
5VISEN Input Bias Current
IB5VISEN
PWRON = High
-160
-140
-110
A
3V Overcurrent Threshold
IOC3V
See Typical Application Diagram
-
9.0
-
A
3V Overcurrent Threshold Voltage
VOC3V_1
VOCSET = 0.6V
42
49
56
mV
3V Overcurrent Threshold Voltage
VOC3V_2
VOCSET = 1.2V
88
95
102
mV
3V Undervoltage Trip Threshold
V3VUV
2.74
2.86
2.97
V
3V Undervoltage Fault Response Time
t3VUV
-
150
350
ns
3V Turn-On Time
(PWRON High to 3VOUT = 3.00V)
tON3V
C3V5VG = 0.022F, C3VOUT = 2000F,
RL = 0.43
-6.5
-
ms
3VS Input Bias Current
IB3VS
PWRON = High
-40
-26
-20
A
3VISEN Input Bias Current
IB3VISEN
PWRON = High
-160
-140
-110
A
3V5VG Vout Low
Vout_lo_35VG PWRON = Low, FLTN = Low
-
0.1
0.4
V
3V5VG Vout High
Vout_hi_35VG PWRON = High, FLTN = High
10.5
11.1
-
V
Gate Output Charge Current
IC3V5VG
PWRON = High, V3V5VG = 2V
22.5
25.0
27.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com