công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLE66R01PC bảng dữ liệu(PDF) 18 Page - Infineon Technologies AG

tên linh kiện SLE66R01PC
Giải thích chi tiết về linh kiện  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC bảng dữ liệu(HTML) 18 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 14Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 15Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 16Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 17Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 18Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 19Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 20Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 21Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Memory Organization
Data Book
18 / 55
2011-11-24
4
Memory Organization
The total amount of user memory is 152 byte. It is organized in blocks of 4 bytes each.
It comprises:
•
128 bytes for user data
•
24 bytes for UID, OTP, locking information, IC configuration and manufacturer information.
Additionally the Password and Password Retry Counter are allocated in non-addresable part of the memory and
are accessible via dedicated commands only.
Figure 7 shows the memory structure of the SLE 66R01P and SLE 66R01PN chip.
Figure 7
my-d™ move and my-d™ move NFC memory organization
4.1
User Memory Area 1 and 2
Blocks from address 04
H to 23H belong to the User Memory Area (1 and 2). This part of the memory is readable /
writable as well as lockable against unintentional overwriting using a locking mechanism.
Moreover the User Memory Area 2 above the address 10
H can be protected with a Password against unintentional
reading or reading/writing.
Service
Area 2
User
Area 2
User
Area 1
Service
Area 1
PASSWORD
PASSWORD RETRY COUNTER
OTP3
uid0
uid1
uid2
BCC0
uid3
uid4
uid5
uid6
BCC1
CONFIG
LOCK0
LOCK1
OTP0
OTP1
OTP2
Data0
Data1
Data2
Data3
Data4
Data5
Data6
Data7
Data8
...
...
...
...
...
...
...
...
...
...
...
Data44
Data45
Data46
Data47
Data48
Data49
Data50
Data51
Data52
...
...
...
...
...
...
...
...
...
...
...
Data120 /
Counter
Data121 /
Counter
Data122 /
Counter
Data123 /
00H
Data124 /
Counter
Data125 /
Counter
Data126 /
Counter
Data127 /
00H
LOCK2
LOCK3
LOCK4
LOCK5
MAN0
MAN1
MAN2
MAN3
02H
Configuration /
Lock
00H
Serial number
03H
OTP
01
H
Serial number
04H
User Data
05
H
User Data
06H
User Data
...
...
...
...
0FH
User Data
...
...
...
...
10
H
User Data
11H
User Data
24H
Lock
22H
User Data /
Counter
User Data /
Counter
23H
Manufacturer
25H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com