công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLE66R01PC bảng dữ liệu(PDF) 34 Page - Infineon Technologies AG

tên linh kiện SLE66R01PC
Giải thích chi tiết về linh kiện  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC bảng dữ liệu(HTML) 34 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 30Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 31Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 32Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 33Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 34Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 35Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 36Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 37Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
16-bit Value Counter Functionality
Data Book
34 / 55
2011-11-24
6.3
Decrementing Value Counter and Anti-Tearing
The DCR16 command is used to decrement the Value Counter value. For more details refer to the command
description in the Chapter 8.2.8.
During the execution of the DCR16 command the my-d™ move and my-d™ move NFC performs following
actions:
•
Read both Value Counter blocks;
•
Determine the correct valid Value Counter state. Therefore the values stored in blocks 22
H and 23H are
compared.
– Normally one of the counter value blocks is erased or has an incorrect format and the other block holds the
valid counter value.
– If both counter values are correctly formatted, the higher value is chosen as the valid counter value.
Note that at least one of the counters must be formatted correctly. Otherwise the Value Counter block is
corrupted and no further decrement of the Value Counter is possible.
– If both blocks carry invalid values (incorrect format) no further decrement of Value Counter is possible. The
my-d™ move and my-d™ move NFC then responds with a NACK.
•
Compares the received parameter and the valid counter value.
– If the received parameter is equal or lower than the valid counter value the my-d™ move and my-d™ move
NFC decrements the valid value by the received parameter, programs this value to the previous invalid
value, erases the previous valid value and replies the new written value.
– If the received parameter is higher then the valid value no decrement is possible and the my-d™ move and
my-d™ move NFC responds with a NACK
6.4
Protection Mechanisms for the Value Counter
The my-d™ move and my-d™ move NFC offers some methods to protect the Value Counter. Following measures
should be considered to prevent unauthorized changes.
•
The Password:
– If a Write Password is configured i.e. the bit SP-W is set, then the execution of Write commands (WR1B,
WR2B or CPTWR) on Value Counter blocks (22
H and 23H) is possible only after password verification.
– If a Read/Write Password is configured i.e. the bit SP-WR is set, then the execution of Read commands
RD2B and RD4B and Decrement command DCR16 on Value Counter (blocks 22
H and 23H) is possible only
after password verification.
•
The Locking Mechanism for Value Counter:
– After the configuration of the Value Counter it is strongly recommended to lock both blocks 22
H and 23H in
order to prevent the any unauthorized changes. The locking of blocks 22
H and 23H is done by changing the
locking information of the LOCK4 byte. If the bits 2 and 3 of the Lock4 byte are set then both Value Counter
blocks are locked.
•
Writing of the Value Counter block:
– If blocks 22
H and 23H are locked then no further overwriting of their values with write commands is possible.
Note that if one of the blocks is locked and the other one is not, then it is possible to change the data of the
unlocked block by using WR1B command. For this reason it is important to lock both blocks in order to
prevent unintentional harm to Value Counter (i.e. unintentional overwriting or setting an incorrect value or a
value with an incorrect format).
•
Reading and Decrement of the Value Counter block:
– If blocks 22
H and 23H are locked then reading and decrementing is still possible. Note that depending on the
chip configuration, password verification may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com