công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLE66R01PC bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG

tên linh kiện SLE66R01PC
Giải thích chi tiết về linh kiện  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 18Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 19Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 20Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 21Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 22Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 23Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 24Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 25Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
Memory Organization
Data Book
22 / 55
2011-11-24
The locking and block locking for a certain block is active immediately after writing. That means that it is not
necessary to execute the REQA or WUPA command in order to activate the locking.
Note: If all three BL bits in the LOCK0 byte are set to 1
B then Block 02H is locked. It is not possible to change the
locking bits of this block any more. The same applies for block 24
H. If BL bits of the LOCK5 byte are set to
1
B then this block is locked. In this case the SLE 66R01P and SLE 66R01PN responds with NACK to a
corresponding Write command.
An Anti-Tearing mechanism is implemented for Lock bytes on the SLE 66R01P and SLE 66R01PN. This
mechanism prevents a stored value to be lost in case of a tearing event. This increases the level of data integrity
and it is transparent to the customer.
4.2.4
OTP Block
The Block 03
H is a One Time Programmable (OTP) Block. Bits allocated in this block can only be logically set to
1
B, which is an irreversible process i.e. bits can not be reset to 0B afterwards.
The Write One Block (WR1B) command should be used to program a specific OTP value. Incoming data of the
WR1B command are bit-wise OR-ed with the current content of the OTP Block and the result is written back to the
OTP Block.
An Anti-Tearing mechanism is implemented for the OTP Block on the my-d™ move and my-d™ move NFC. This
mechanism prevents the stored value to be lost in case of a tearing event. This increases the level of data integrity
and is transparent to the customer.
4.2.5
Manufacturer Block
(25
H)
The Manufacturer Block is used to store the my-d™ move and my-d™ move NFC internal on-chip configuration
data and the manufacturing data such as Week and Year of production, Lot and Wafer Counter etc. This block is
programmed and locked at manufacturing.
Table 7
Example for OTP Block Lock and Block Lock
BL OTP
L OTP
OTP BLOCK STATE
0
B
0
B
OTP Block Unlocked
0
B
1
B
OTP Block Locked
1
B
0
B
OTP Block Unlocked and can not be locked ever more
1
B
1
B
OTP Block Locked
Table 8
Writing to OTP Block (block 03
H) from the user point of view
OTP Block
Representation bit-wise
Description
Initial value
0000 0000 0000 0000 0000 0000 0000 0000
B
Production setting
Write [55550003]
H
0101 0101 0101 0101 0000 0000 0000 0011
B
Bit-wise “OR” with previous content of
block 03
H
Write [AA55001C]
H
1111 1111 0101 0101 0000 0000 0001 1111
B
Bit-wise “OR” with previous content of
block 03
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com