công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2972 bảng dữ liệu(PDF) 95 Page - Linear Technology

tên linh kiện LTC2972
Giải thích chi tiết về linh kiện  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 bảng dữ liệu(HTML) 95 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 91Page - Linear Technology LTC2972 Datasheet HTML 92Page - Linear Technology LTC2972 Datasheet HTML 93Page - Linear Technology LTC2972 Datasheet HTML 94Page - Linear Technology LTC2972 Datasheet HTML 95Page - Linear Technology LTC2972 Datasheet HTML 96Page - Linear Technology LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
LTC2972
95
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
FAULT MANAGEMENT
Output Overvoltage and Undervoltage Faults
Thehigh-speedvoltagesupervisorOVandUVfaultthresh-
oldsareconfiguredusingtheVOUT_OV_FAULT_LIMITand
VOUT_UV_FAULT_LIMIT commands, respectively. The
VOUT_OV_FAULT_RESPONSE and VOUT_UV_FAULT_
RESPONSE commands determine the responses to OV/
UV faults. Fault responses can range from disabling the
DC/DC converter immediately, waiting to see if the fault
condition persists for some interval before disabling
the DC/DC converter, or allowing the DC/DC converter
to continue operating in spite of the fault. If a DC/DC
converter is disabled, the LTC2972 can be configured to
retry one to six times, retry continuously without limita-
tion, or latch-off. The retry interval is specified using the
MFR_RETRY_DELAY command. Latched faults are reset
bytogglingtheCONTROLpin,usingtheOPERATIONcom-
mand, or removing and reapplying the bias voltage to the
VIN_SNS pin. All fault and warning conditions result in the
ALERTB pin being asserted low and the corresponding
bits being set in the status registers. The CLEAR_FAULTS
command resets the contents of the status registers and
de-asserts the ALERTB output.
Output Overvoltage, Undervoltage, and Overcurrent
Warnings
OV, UV, and OC warning thresholds are processed by
the LTC2972’s ADC. These thresholds are set by the
VOUT_OV_WARN_LIMIT, VOUT_UV_WARN_LIMIT, and
IOUT_OC_WARN_LIMIT commands, respectively. Note
that there is no IOUT UC warning threshold. If a warning
occurs, the corresponding bits are set in the status reg-
isters and the ALERTB output is asserted low. Note that a
warning will never cause a VOUT_EN output pin to disable
a DC/DC converter.
Configuring the AUXFAULTB Output
The AUXFAULTB output may be used to indicate an
output OV or UV fault. Use the MFR_CONFIG2_LTC2972
and MFR_CONFIG3_LTC2972 registers to configure the
AUXFAULTB pin to assert low in response to VOUT_OV
or VOUT_UV fault conditions. The AUXFAULTB output
will stop pulling low when the LTC2972 is commanded
to re-enter the ON state following a faulted-off condition.
Figure 30 shows an application circuit where the AUX-
FAULTB output is used to trigger an SCR crowbar on the
intermediate bus in order to protect the DC/DC converter’s
load from a catastrophic fault such as a stuck top gate. The
stuck top gate causes an OV fault, which in turn causes
the LTC2972 to pull AUXFAULTB low, thus de-asserting
the ON input to the LTC4210 hot swap controller, which
opens the switch Q1 that supplies the DC/DC converter
input. In addition, when AUXFAULTB goes low it forces the
S4010DS3 SCR device into the on-state via the 2N2907
PNP, thus quickly dropping the voltage on the VIN input to
the DC/DC converter, preventing the stuck top gate from
damaging components supplied by this converter. Note
that the VPWR input to the LTC2972 bypasses switch Q1,
keeping the LTC2972 fully powered throughout the above
sequence.
Multi-Channel Fault Management
Multi-channel fault management is handled using the
bidirectional FAULTB pins. Figure 31 illustrates the con-
nections between channels and the FAULTB pins.
• The MFR_FAULTBn_PROPAGATE command acts like
a programmable switch that allows faulted_off condi-
tions from a particular channel (PAGE) to propagate to
eitherFAULTBoutput.TheMFR_FAULTBn_RESPONSE
command controls similar switches on the inputs to
each channel that allow any channel to shut down
in response to any combination of the FAULTB pins.
Channels responding to a FAULTB pin pulling low will
attempt a new start sequence when the FAULTB pin in
question is released by the faulted channel.
• A FAULTB pin can also be asserted low by an external
driver in order to initiate an immediate off-sequence
after a 10μs deglitch delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com