công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F818T-E/P bảng dữ liệu(PDF) 95 Page - Microchip Technology

tên linh kiện PIC16F818T-E/P
Giải thích chi tiết về linh kiện  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818T-E/P bảng dữ liệu(HTML) 95 Page - Microchip Technology

Back Button PIC16F818T-E/P Datasheet HTML 91Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 92Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 93Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 94Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 95Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 96Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 97Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 98Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 93
PIC16F818/819
12.9
Power Control/Status Register
(PCON)
The Power Control/Status register, PCON, has two bits
to indicate the type of Reset that last occurred.
Bit 0 is Brown-out Reset Status bit, BOR. Bit BOR is
unknown on a Power-on Reset. It must then be set by
the user and checked on subsequent Resets to see if
bit BOR cleared, indicating a Brown-out Reset
occurred. When the Brown-out Reset is disabled, the
state of the BOR bit is unpredictable.
Bit 1 is Power-on Reset Status bit, POR. It is cleared on
a Power-on Reset and unaffected otherwise. The user
must set this bit following a Power-on Reset.
TABLE 12-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 12-2:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 12-3:
RESET CONDITION FOR SPECIAL REGISTERS
Oscillator
Configuration
Power-up
Brown-out Reset
Wake-up
from Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 • TOSC 1024 • TOSC
TPWRT + 1024 • TOSC
1024 • TOSC
1024 • TOSC
EXTRC, EXTCLK, INTRC
TPWRT
5-10
µs(1)
TPWRT
5-10
µs(1)
5-10
µs(1)
Note 1:
CPU start-up is always invoked on POR, BOR and wake-up from Sleep.
POR
BOR
TO
PD
0x1
1
Power-on Reset
0x0
x
Illegal, TO is set on POR
0xx
0
Illegal, PD is set on POR
101
1
Brown-out Reset
110
1
WDT Reset
110
0
WDT wake-up
11u
u
MCLR Reset during normal operation
111
0
MCLR Reset during Sleep or interrupt wake-up from Sleep
Legend: u = unchanged, x = unknown
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
000h
000u uuuu
---- --uu
MCLR Reset during Sleep
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 1uuu
---- --uu
WDT wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
000h
0001 1uuu
---- --u0
Interrupt wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’
Note 1:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com