công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F818T-E/P bảng dữ liệu(PDF) 93 Page - Microchip Technology

tên linh kiện PIC16F818T-E/P
Giải thích chi tiết về linh kiện  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818T-E/P bảng dữ liệu(HTML) 93 Page - Microchip Technology

Back Button PIC16F818T-E/P Datasheet HTML 89Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 90Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 91Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 92Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 93Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 94Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 95Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 96Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 91
PIC16F818/819
12.2
Reset
The PIC16F818/819 differentiates between various
kinds of Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Reset during normal operation
• WDT wake-up during Sleep
• Brown-out Reset (BOR)
Some registers are not affected in any Reset condition.
Their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on Power-on Reset (POR), on the MCLR and
WDT Reset, on MCLR Reset during Sleep and Brown-
out Reset (BOR). They are not affected by a WDT
wake-up which is viewed as the resumption of normal
operation. The TO and PD bits are set or cleared
differently in different Reset situations as indicated in
Table 12-3. These bits are used in software to
determine the nature of the Reset. Upon a POR, BOR
or
wake-up
from
Sleep,
the
CPU
requires
approximately 5-10
µs to become ready for code
execution. This delay runs in parallel with any other
timers. See Table 12-4 for a full description of Reset
states of all registers.
A simplified block diagram of the on-chip Reset circuit
is shown in Figure 12-1.
FIGURE 12-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
Reset
MCLR
VDD
OSC1
WDT
Module
VDD Rise
Detect
OST/PWRT
INTRC
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
10-bit Ripple Counter
Reset
Enable OST
Enable PWRT
Sleep
Brown-out
Reset
BOREN
31.25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com