công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F818T-E/P bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện PIC16F818T-E/P
Giải thích chi tiết về linh kiện  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818T-E/P bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button PIC16F818T-E/P Datasheet HTML 53Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 54Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 55Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 56Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 57Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 58Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 59Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 60Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 55
PIC16F818/819
EXAMPLE 6-1:
CHANGING THE PRESCALER ASSIGNMENT FROM TIMER0 TO WDT
EXAMPLE 6-2:
CHANGING THE PRESCALER ASSIGNMENT FROM WDT TO TIMER0
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
BANKSEL
OPTION_REG
; Select Bank of OPTION_REG
MOVLW
b'xx0x0xxx'
; Select clock source and prescale value of
MOVWF
OPTION_REG
; other than 1:1
BANKSEL
TMR0
; Select Bank of TMR0
CLRF
TMR0
; Clear TMR0 and prescaler
BANKSEL
OPTION_REG
; Select Bank of OPTION_REG
MOVLW
b'xxxx1xxx'
; Select WDT, do not change prescale value
MOVWF
OPTION_REG
CLRWDT
; Clears WDT and prescaler
MOVLW
b'xxxx1xxx'
; Select new prescale value and WDT
MOVWF
OPTION_REG
CLRWDT
; Clear WDT and prescaler
BANKSEL
OPTION_REG
; Select Bank of OPTION_REG
MOVLW
b'xxxx0xxx'
; Select TMR0, new prescale
MOVWF
OPTION_REG
; value and clock source
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
01h,101h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE TMR0IF
INTF
RBIF
0000 000x
0000 000u
81h,181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com