công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F818T-E/P bảng dữ liệu(PDF) 40 Page - Microchip Technology

tên linh kiện PIC16F818T-E/P
Giải thích chi tiết về linh kiện  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818T-E/P bảng dữ liệu(HTML) 40 Page - Microchip Technology

Back Button PIC16F818T-E/P Datasheet HTML 36Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 37Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 38Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 39Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 40Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 41Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 42Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 43Page - Microchip Technology PIC16F818T-E/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 176 page
background image
PIC16F818/819
DS39598E-page 38
 2004 Microchip Technology Inc.
FIGURE 4-6:
PIC16F818/819 CLOCK DIAGRAM
REGISTER 4-2:
OSCCON: OSCILLATOR CONTROL REGISTER (ADDRESS 8Fh)
PIC18F818/819
CONFIG (FOSC2:FOSC0)
OSC1
OSC2
Sleep
LP, XT, HS, RC, EC
CPU
Peripherals
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
OSCCON<6:4>
111
110
101
100
011
010
001
000
31.25 kHz
31.25 kHz
Source
Internal
Oscillator
Block
WDT
31.25 kHz
8 MHz
Internal Oscillator
(INTRC)
(INTOSC)
U-0
R/W-0
R/W-0
R/W-0
U-0
R-0
U-0
U-0
—
IRCF2
IRCF1
IRCF0
—IOFS
—
—
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF2:IRCF0: Internal Oscillator Frequency Select bits
111
= 8 MHz (8 MHz source drives clock directly)
110
= 4 MHz
101
= 2 MHz
100
= 1 MHz
011
= 500 kHz
010
= 250 kHz
001
= 125 kHz
000
= 31.25 kHz (INTRC source drives clock directly)
bit 3
Unimplemented: Read as ‘0’
bit 2
IOFS: INTOSC Frequency Stable bit
1
= Frequency is stable
0
= Frequency is not stable
bit 1-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com