| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSOX4MASK bảng dữ liệu(PDF) 14 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX4MASK bảng dữ liệu(HTML) 14 Page - Keysight Technologies |
|
14 / 39 page ![]() 14 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet Figure 26. Power quality measurement, one of many in the power measurements application. Figure 27. Triggering on 1080p HDTV signal analysis. Figure 28. Perform automatic signal quality testing on USB 2.0 low- speed, full-speed, and hi-speed signals. USB 2.0 signal quality analysis With the USB 2.0 signal quality test option (DSOX4USBSQ), designers of systems with USB interfaces can now perform automated signal quality testing. This option supports low-speed, full-speed, and hi-speed applications (hi-speed tests require 1.5 GHz models). The USB 2.0 signal quality test with HTML pass/ fail report generation includes eye-diagram mask testing, jitter analysis, EOP bit-width, signaling rate, edge monotonicity, and rise/fall times; all based on official USB-IF algorithms embedded in the oscilloscope. See www.keysight.com/find/DSOX4USBSQ for more information. Oscilloscope Experience Redefined: Other Key Productivity Tools Power measurements and analysis When you are working with switching power supplies and power devices, the power measurements application (DSOX4PWR) provides a full suite of power measurements and analysis in the oscilloscope. Included with the DSOX4PWR is a license for the U1881A PC-based power analysis software package, which provides additional offline measurements and report generation. See www.keysight.com/find/DSOX4PWR for more information. HDTV video triggering and analysis Whether you are debugging consumer electronics with HDTV or characterizing a design, the HDTV measurement application (DSOX4VID) provides support for a variety of HDTV standards for triggering and analysis. See www.keysight.com/find/DSOX4VID for more information. |