công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSOX4MASK bảng dữ liệu(PDF) 25 Page - Keysight Technologies

tên linh kiện DSOX4MASK
Giải thích chi tiết về linh kiện  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK bảng dữ liệu(HTML) 25 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 21Page - Keysight Technologies DSOX4MASK Datasheet HTML 22Page - Keysight Technologies DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Step 3. Choose your probes – For a complete list of compatible probes, visit
www.keysight.com/find/scope_probes
Probes
4000 X-Series
N2894A passive probe 700 MHz, 10:1, 10 MΩ
Included standard. 1 per channel
N6450-60001 or N2756A 16 digital channel MSO cable
Included on MSOX models and DSOXPERFMSO
10076B high-voltage passive probe 250 MHz 4 kV
Optional
N2795A active single-ended probe 1-GHz 1-pF 1-MΩ with AutoProbe
Optional
N2796A active single-ended probe 2-GHz 1-pF 1-MΩ with AutoProbe
Optional
N2750A InfiniiMode differential probe 1.5-GHz 700-fF 200-kΩ with AutoProbe
Optional
N2797A extreme temperature active probe 1.5-GHz 1-pF 1-MΩ with AutoProbe
Optional
N2790A differential active probe 100 MHz, ± 1.4 kV with AutoProbe
Optional
N2791A differential active probe 25 MHz, ± 700 V
Optional
N2792A differential active probe 200 MHz, ± 20 V
Optional
N2793A differential active probe 800 MHz, ± 15 V
Optional
1147B AC/DC current probe 50 MHz 15 A with AutoProbe
Optional
N2893A AC/DC current probe 100 MHz 15 A with AutoProbe
Optional
N2820A 2-channel high-sensitivity current probe 50 uA to 5 A
Optional
N7020A power rail probe 2-GHz, 1:1, 50 kΩ, ± 24 V offset range
Optional
N2805A high voltage differential probe, 200 MHz, ± 100 V (DC + peak AC), 50:1, 4-MΩ, 4 pF
Optional
N2804A high voltage differential probe, 300 MHz, ± 300 V (DC + peak AC), 100:1, 4-MΩ, 4 pF
Optional
N7040A 23 MHz, 3 kA, AC current probe
Optional
N7041A 30 MHz, 600 A, AC current probe
Optional
N7042A 30 MHz, 300 A, AC current probe
Optional
N7026A 150 MHz, 40 Apk, AC/DC high-sensitivity current probe with AutoProbe
Optional
Step 4.
Choose your accessories
Recommended accessories
4000 X-Series
GPIB-to-LAN external adapter
N4865A
Rack mount kit
N2763A
Soft carrying case
N2733B
Hard copy manual
N6455A
Oscilloscope Experience Redefined:
Configuring Your InfiniiVision 4000 X-Series Oscilloscope (Continued)
Step 5. Calibration plans
Calibration
D/MSOX4000-A6J
ANSI Z540-1-1994 calibration
Optional
D/MSOX4000-AMG
Calibration + Uncertainties + Guardbanding (Accredited)
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com