công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSOX4MASK bảng dữ liệu(PDF) 27 Page - Keysight Technologies

tên linh kiện DSOX4MASK
Giải thích chi tiết về linh kiện  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK bảng dữ liệu(HTML) 27 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Horizontal system analog channels
4022A
4024A
4032A
4034A
4052A
4054A
4104A
4154A
Time base range
2 ns/div to 50 s/div
1 ns/div to 50 s/div
500 ps/div to 50 s/div
Time base accuracy 1
± 10 ppm
Time base delay time range
Pre-trigger
Greater of 1 screen width or 200 μs (400 μs in interleaving mode)
Post-trigger
1 to 500 s
Channel-to-channel deskew range
± 100 ns
Δ Time accuracy (using cursors)
± 0.001% of reading ± 0.16% screen width ± 30pS
Modes
Main, zoom, roll, XY
XY
On channels 1 and 2 only. Z Blanking on Ext Trigger Input, 1.4 V threshold
Bandwidth: Maximum bandwidth. Phase error at 1 MHz: < 0.5 degree
Time base: 200 ns/div to 50 ms/div
Horizontal system digital channels
Minimum detectable pulse width
2 ns
Channel-to-channel skew
2 ns (typical); 3 ns (maximum)
Acquisition system
4022A
4024A
4032A
4034A
4052A
4054A
4104A
4154A
Maximum analog channels sample rate
5 GSa/s half channel interleaved, 2.5 GSa/s all channels
Analog channels equivalent sample rate
N/A
128 Gsa/s
Maximum analog channels record length
4 Mpts half channel interleaved, 2 Mpts all channel
Maximum digital channels sample rate
1.25 GSa/s
Maximum digital channels record length
2 Mpts (with digital channels only)
Modes
Normal
Default mode
Peak detect
Capture glitches as narrow as 200 ps at all time base settings
Averaging
Selectable from 2, 4, 8, 16, 64, ... to 65,536
High
resolution
Real-time boxcar averaging reduces random noise and effectively increases vertical resolution
– 12 bits: ≥ 50 μs/div
– 11 bits: ≥ 20 μs/div
– 10 bits: ≥ 10 us/div
– 9 bits: ≥ 5 us/div
Segmented
Segmented memory optimizes available memory for data streams that have long dead times
between activity. Maximum segments = 1000. Re-arm time = 1 μs (minimum time between trigger
events). Re-arm time when used with the zone touch trigger = 65 μs or faster (typical)
Roll
Displays the waveform moving across the screen from right to left. Available at the time base
50 ms/div or slower
Equivalent
time
1 GHz and 1.5 GHz models only. 7.8 ps fine interpolator resolution yields a maximum effective
sample rate of 128 GSa/s
1� Denotes warranted specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com