công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMS bảng dữ liệu(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280049PMS bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button F280049PMS Datasheet HTML 70Page - Texas Instruments F280049PMS Datasheet HTML 71Page - Texas Instruments F280049PMS Datasheet HTML 72Page - Texas Instruments F280049PMS Datasheet HTML 73Page - Texas Instruments F280049PMS Datasheet HTML 74Page - Texas Instruments F280049PMS Datasheet HTML 75Page - Texas Instruments F280049PMS Datasheet HTML 76Page - Texas Instruments F280049PMS Datasheet HTML 77Page - Texas Instruments F280049PMS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 218 page
background image
74
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.8.3.2
Clock Frequencies, Requirements, and Characteristics
This section provides the frequencies and timing requirements of the input clocks, PLL lock times,
frequencies of the internal clocks, and the frequency and switching characteristics of the output clock.
5.8.3.2.1 Input Clock Frequency and Timing Requirements, PLL Lock Times
Table 5-13 lists the frequency requirements for the input clocks. Table 5-14 lists the X1 input level
characteristics when using an external clock source. Table 5-15 lists the XTAL oscillator characteristics.
Table 5-16 lists the X1 timing requirements. Table 5-17 lists the PLL lock times for the Main PLL.
Table 5-13. Input Clock Frequency
MIN
MAX
UNIT
f(XTAL)
Frequency, X1/X2, from external crystal or resonator
10
20
MHz
f(X1)
Frequency, X1, from external oscillator (PLL enabled)
2
20
MHz
Frequency, X1, from external oscillator (PLL disabled)
2
100
Table 5-14. X1 Input Level Characteristics When Using an External Clock Source (Not a Crystal)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
X1 VIL
Valid low-level input voltage
–0.3
0.3 * VDDIO
V
X1 VIH
Valid high-level input voltage
0.7 * VDDIO
VDDIO + 0.3
V
Table 5-15. XTAL Oscillator Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
X1 VIL
Valid low-level input voltage
–0.3
0.3 * VDDIO
V
X1 VIH
Valid high-level input voltage
0.7 * VDDIO
VDDIO + 0.3
V
Table 5-16. X1 Timing Requirements
MIN
MAX
UNIT
tf(X1)
Fall time, X1
6
ns
tr(X1)
Rise time, X1
6
ns
tw(X1L)
Pulse duration, X1 low as a percentage of tc(X1)
45%
55%
tw(X1H)
Pulse duration, X1 high as a percentage of tc(X1)
45%
55%
Table 5-17. PLL Lock Times
MIN
NOM
MAX
UNIT
t(PLL)
Lock time, Main PLL
25.5 µs + 1024 * tc(OSCCLK)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com