công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMS bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280049PMS bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button F280049PMS Datasheet HTML 45Page - Texas Instruments F280049PMS Datasheet HTML 46Page - Texas Instruments F280049PMS Datasheet HTML 47Page - Texas Instruments F280049PMS Datasheet HTML 48Page - Texas Instruments F280049PMS Datasheet HTML 49Page - Texas Instruments F280049PMS Datasheet HTML 50Page - Texas Instruments F280049PMS Datasheet HTML 51Page - Texas Instruments F280049PMS Datasheet HTML 52Page - Texas Instruments F280049PMS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 218 page
background image
EXTSYNCIN1
EXTSYNCIN2
TRIP4
TRIP5
TRIP7
TRIP8
TRIP9
TRIP10
TRIP11
TRIP12
CPU PIE
CLA
XINT1
XINT4
XINT5
XINT3
XINT2
ePWM and eCAP
Sync Chain
ADCEXTSOC
ADC
TZ1,TRIP1
TZ2 TRIP2
,
TZ3 TRIP3
,
TRIP6
Output X-BAR
ePWM
Modules
GPIO0
GPIOx
Asynchronous
Synchronous
Sync. + Qual.
ePWM
X-BAR
Other Sources
Other Sources
Other
Sources
eCAP1
eCAP2
eCAP3
eCAP4
eCAP5
eCAP6
eCAP7
Input X-BAR
INPUT[16:1]
Other Sources
15:0
127:16
49
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4.4.2
Digital Inputs on ADC Pins (AIOs)
GPIOs on port H (GPIO224–GPIO255) are multiplexed with analog pins. These are also referred to as
AIOs. These pins can only function in input mode. By default, these pins will function as analog pins and
the GPIOs are in a high-Z state. The GPHAMSEL register is used to configure these pins for digital or
analog operation.
NOTE
If digital signals with sharp edges (high dv/dt) are connected to the AIOs, cross-talk can
occur with adjacent analog signals. The user should therefore limit the edge rate of signals
connected to AIOs if adjacent channels are being used for analog functions.
4.4.3
GPIO Input X-BAR
The Input X-BAR is used to route signals from a GPIO to many different IP blocks such as the ADCs,
eCAPs, ePWMs, and external interrupts (see Figure 4-5). Table 4-8 lists the input X-BAR destinations. For
details on configuring the Input X-BAR, see the Crossbar (X-BAR) chapter of the TMS320F28004x Piccolo
Microcontrollers Technical Reference Manual.
Figure 4-5. Input X-BAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com