công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMS bảng dữ liệu(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280049PMS bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button F280049PMS Datasheet HTML 31Page - Texas Instruments F280049PMS Datasheet HTML 32Page - Texas Instruments F280049PMS Datasheet HTML 33Page - Texas Instruments F280049PMS Datasheet HTML 34Page - Texas Instruments F280049PMS Datasheet HTML 35Page - Texas Instruments F280049PMS Datasheet HTML 36Page - Texas Instruments F280049PMS Datasheet HTML 37Page - Texas Instruments F280049PMS Datasheet HTML 38Page - Texas Instruments F280049PMS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 218 page
background image
35
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Table 4-3. Digital Signals (continued)
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ
64
PMQ
64 PM
56 RSH
ERRORSTS
Error Status Output. This signal requires an
external pullup.
O
24, 28,
29
1, 100,
56
1, 2, 35
1, 2, 35
2, 3, 32
FSIRXA_CLK
FSIRX-A Input Clock
I
13, 33,
39, 4
50, 53,
75, 91
32, 48
29, 32,
48
26, 29,
43
FSIRXA_D0
FSIRX-A Primary Data Input
I
12, 3,
32, 40
51, 64,
76, 85
40, 49
30, 40,
49
27, 37,
44
FSIRXA_D1
FSIRX-A Optional Additional Data Input
I
11, 2,
31
52, 77,
99
31, 50
31, 50
28, 45
FSITXA_CLK
FSITX-A Output Clock
O
10, 27,
7
59, 84,
93
57, 63
57, 63
52
FSITXA_D0
FSITX-A Primary Data Output
O
26, 6, 9
58, 90,
97
62, 64
62, 64
1, 56
FSITXA_D1
FSITX-A Optional Additional Data Output
O
25, 5, 8
57, 74,
89
47, 61
47, 61
42, 55
GPIO0
General-Purpose Input Output 0
I/O
0
79
52
52
47
GPIO1
General-Purpose Input Output 1
I/O
1
78
51
51
46
GPIO2
General-Purpose Input Output 2
I/O
2
77
50
50
45
GPIO3
General-Purpose Input Output 3
I/O
3
76
49
49
44
GPIO4
General-Purpose Input Output 4
I/O
4
75
48
48
43
GPIO5
General-Purpose Input Output 5
I/O
5
89
61
61
55
GPIO6
General-Purpose Input Output 6
I/O
6
97
64
64
1
GPIO7
General-Purpose Input Output 7
I/O
7
84
57
57
52
GPIO8
General-Purpose Input Output 8
I/O
8
74
47
47
42
GPIO9
General-Purpose Input Output 9
I/O
9
90
62
62
56
GPIO10
General-Purpose Input Output 10
I/O
10
93
63
63
GPIO11
General-Purpose Input Output 11
I/O
11
52
31
31
28
GPIO12
General-Purpose Input Output 12
I/O
12
51
30
27
GPIO13
General-Purpose Input Output 13
I/O
13
50
29
26
GPIO14
General-Purpose Input Output 14
I/O
14
96
GPIO15
General-Purpose Input Output 15
I/O
15
95
GPIO16
General-Purpose Input Output 16
I/O
16
54
33
33
30
GPIO17
General-Purpose Input Output 17
I/O
17
55
34
34
31
GPIO18_X2
General-Purpose Input Output 18. This pin
and its digital mux options can only be used
when the system is clocked by INTOSC and
X1 has an external pulldown resistor
(recommended 1 kΩ).
I/O
18
68
41
41
38
GPIO20
General-Purpose Input Output 20
I/O
20
GPIO21
General-Purpose Input Output 21
I/O
21
GPIO22_VFBSW
General-Purpose Input Output 22. If the
internal DC-DC regulator is not used, this can
be configured as General-Purpose Input
Output 22.
I/O
22
83
56
56
51
GPIO23_VSW
General-Purpose Input Output 23. If the
internal DC-DC regulator is not used, this pin
can be configured as General-Purpose Input
Output 23. This pin has an internal
capacitance of approximately 100 pF. TI
Recommends using an alternate GPIO, or
using this pin only for applications which do
not require a fast switching response.
I/O
23
81
54
54
49
GPIO24
General-Purpose Input Output 24
I/O
24
56
35
35
32
GPIO25
General-Purpose Input Output 25
I/O
25
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com