công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMS bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049PMS
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

F280049PMS bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button F280049PMS Datasheet HTML 35Page - Texas Instruments F280049PMS Datasheet HTML 36Page - Texas Instruments F280049PMS Datasheet HTML 37Page - Texas Instruments F280049PMS Datasheet HTML 38Page - Texas Instruments F280049PMS Datasheet HTML 39Page - Texas Instruments F280049PMS Datasheet HTML 40Page - Texas Instruments F280049PMS Datasheet HTML 41Page - Texas Instruments F280049PMS Datasheet HTML 42Page - Texas Instruments F280049PMS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
39
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4.3.3
Power and Ground
Table 4-4. Power and Ground
SIGNAL NAME
DESCRIPTION
PIN
TYPE
GPIO
100 PZ
64
PMQ
64 PM
56 RSH
VDD
1.2-V Digital Logic Power Pins. TI
recommends placing a decoupling capacitor
near each VDD pin with a minimum total
capacitance of approximately 20 µF. When
not using the internal voltage regulator, the
exact value of the decoupling capacitance
should be determined by your system voltage
regulation solution.
4, 46,
71, 87
27, 4,
44, 59
27, 4,
44, 59
24, 41,
5, 53
VDDA
3.3-V Analog Power Pins. Place a minimum
2.2-µF decoupling capacitor to VSSA on each
pin.
11, 34
22
22
20
VDDIO
3.3-V Digital I/O Power Pins. Place a
minimum 0.1-µF decoupling capacitor on each
pin.
3, 47,
70, 88
28, 43,
60
28, 43,
60
25, 40,
54
VDDIO_SW
Supply pin for the internal DC-DC regulator. If
the internal DC-DC regulator is used, a bulk
input capacitance of 20-µF should be placed
on this pin. If the internal DC-DC regulator is
not used, this pin should be treated as a
VDDIO pin.
80
53
53
48
VSS
Digital Ground
45, 5,
72, 86
26, 45,
5, 58
26, 45,
5, 58
PAD
VSSA
Analog Ground
12, 33
21
21
19
VSS_SW
Internal DC-DC regulator ground. If the
internal DC-DC regulator is not used, this pin
must be treated as a VSS pin.
82
55
55
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com