công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTW2V3D13JS-032A bảng dữ liệu(PDF) 12 Page - Lite-On Technology Corporation

tên linh kiện LTW2V3D13JS-032A
Giải thích chi tiết về linh kiện  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW2V3D13JS-032A bảng dữ liệu(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTW2V3D13JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 11Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
11/11
Part No. : LTW2V3D13JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW2V3D13JS-032A
10. Reliability Test
Classification
Test Item
Test Condition
Sample Size
Reference Standard
Endurance
Test
Operation Life
Ta
= Under Room Temperature
IF
= 50mA
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-750D:1026
MIL-STD-883G:1005
High Temperature
High Humidity
storage (THB)
Ta
= 85°C
RH = 85%
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-202G:103B
JEITA ED-4701:100 103
Steady state
Operation Life of
High Humidity Heat
Ta
= 85°C, RH= 85 %
IF
= 20mA
Test Time= 1000hrs
76 PCS
(CL=90%;
LTPD=3%)
JESD22-A101C
Low Temperature
Operation Life of
Ta
= -30°C
IF
=
50mA
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
High Temperature
Storage
Ta= 105 ±5°C
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
MIL-STD-750D:1031
MIL-STD-883G:1008
JEITA ED-4701:200 201
Low Temperature
Storage
Ta= -55 ±5°C
Test Time= 1000hrs
45 PCS
(CL=90%;
LTPD=5%)
JEITA ED-4701:200 202
Environmental
Test
Temperature
Cycling
100°C ~ 25°C ~ -40°C ~ 25°C
30mins
5mins
30mins
5mins
Test time: 200 Cycles
76 PCS
(CL=90%;
LTPD=3%)
MIL-STD-750D:1051
MIL-STD-883G:1010
JEITA ED-4701:100 105
JESD22-A104C
Thermal
Shock
100 ±5°C ~ -30°C ±5°C
15mins
15mins
Test time: 200 Cycles
76 PCS
(CL=90%;
LTPD=3%)
MIL-STD-750D:1056
MIL-STD-883G:1011
MIL-STD-202G:107G
JESD22-A106B
Solder
Resistance
T.sol = 260 ±5°C
Dwell Time= 10±1 seconds
2mm from the base of the epoxy bulb
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2031
JEITA ED-4701: 300 302
Solderability
T. sol = 245 ±5°C
Dwell Time= 5 ±0.5 seconds
(Lead Free Solder, Coverage ≧95% of
the dipped surface)
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-750D:2026
MIL-STD-883G:2003
MIL-STD-202G:208H
IPC/EIA J-STD-002
Soldering Iron
T. sol = 350 ±5°C
Dwell Time= 3.5 ±0.5 seconds
11 PCS
(CL=90%;
LTPD=18.9%)
MIL-STD-202G:208H
JEITA ED-4701:300 302
11. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com