công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTW2V3D13JS-032A bảng dữ liệu(PDF) 10 Page - Lite-On Technology Corporation

tên linh kiện LTW2V3D13JS-032A
Giải thích chi tiết về linh kiện  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW2V3D13JS-032A bảng dữ liệu(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTW2V3D13JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 11Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
9/11
Part No. : LTW2V3D13JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW2V3D13JS-032A
9. CAUTIONS
9.1. Application
This LED lamp is good for application of indoor and outdoor sign, also ordinary electronic equipment.
9.2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity. It is recommended that
LEDs out of their original packaging are used within three months. For extended storage out of their original packaging, it is
recommended that the LEDs be stored in a sealed container with appropriate desiccant or in desiccators with nitrogen
ambient.
9.3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
9.4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use the base of the
lead frame as a fulcrum during forming. Lead forming must be done before soldering, at normal temperature. During assembly
on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
9.5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point. Dipping the lens into the
solder must be avoided. Do not apply any external stress to the lead frame during soldering while the LED is at high
temperature.
Recommended soldering conditions:
Soldering iron
Wave soldering
Temperature
Soldering time
Position
350°C Max.
3 seconds Max.
(one time only)
No closer than 2mm
from the base of the epoxy bulb
Pre-heat
Pre-heat time
Solder wave
Soldering time
Dipping Position
100°C Max.
60 seconds Max.
260°C Max.
5 seconds Max.
No lower than 2mm from the
base of the epoxy bulb
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
9.6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an
application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as
shown in Circuit A below.
Circuit model (A)
Circuit model (B)
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com