công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTW2V3D13JS-032A bảng dữ liệu(PDF) 11 Page - Lite-On Technology Corporation

tên linh kiện LTW2V3D13JS-032A
Giải thích chi tiết về linh kiện  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW2V3D13JS-032A bảng dữ liệu(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTW2V3D13JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 11Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10/11
Part No. : LTW2V3D13JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW2V3D13JS-032A
9.7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
 Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
 All devices, equipment, and machinery must be properly grounded
 Work tables, storage racks, etc. should be properly grounded
 Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic
lens as a result of friction between LEDs during storage and handing
Suggested checking list:
Training and Certification
9.7.1.1. Everyone working in a static-safe area is ESD-certified?
9.7.1.2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
9.7.2.1. Static-safe workstation or work-areas have ESD signs?
9.7.2.2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
9.7.2.3. All ionizer activated, positioned towards the units?
9.7.2.4. Each work surface mats grounding is good?
Personnel Grounding
9.7.3.1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes
with conductive flooring?
9.7.3.1. If conductive footwear used, conductive flooring also present where operator stand or walk?
9.7.3.2. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
9.7.3.3. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
9.7.3.4. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
9.7.4.1. Every ESDS items identified by EIA-471 labels on item or packaging?
9.7.4.2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
9.7.4.3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
9.7.4.4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
9.7.5.1. Audit result reported to entity ESD control coordinator?
9.7.5.2. Corrective action from previous audits completed?
9.7.5.3. Are audit records complete and on file?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com