công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTW2V3D13JS-032A bảng dữ liệu(PDF) 4 Page - Lite-On Technology Corporation

tên linh kiện LTW2V3D13JS-032A
Giải thích chi tiết về linh kiện  Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW2V3D13JS-032A bảng dữ liệu(HTML) 4 Page - Lite-On Technology Corporation

  LTW2V3D13JS-032A Datasheet HTML 1Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 2Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTW2V3D13JS-032A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3/11
Part No. : LTW2V3D13JS-032A
BNS-OD-FC002/A4
Through Hole Lamp
LTW2V3D13JS-032A
3. Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
165
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
100
mA
DC Forward Current
50
mA
Derating Linear From 40℃
0.77
mA/℃
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
12000
16000
27000
mcd
IF = 20mA
Note 1,3,4
Viewing Angle
2θ1/2
30
deg
Note 2 (Fig.6)
Chromaticity Coordinates
x
0.32
nm
IF = 20mA, Note 5
Hue Spec. Table &
Chromaticity Diagram
y
0.33
nm
Forward Voltage
VF
2.6
3.0
3.3
V
IF = 20mA
Reverse Current
IR
10
μA
VR = 5V
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The Iv guarantee must be included with ±15% testing tolerance.
5. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram..
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.
7. The VA(2
θ1/2) guarantee should be add ±2 ゚ tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com