| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F467BA bảng dữ liệu(PDF) 18 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467BA bảng dữ liệu(HTML) 18 Page - Cypress Semiconductor |
|
18 / 127 page ![]() MB91460B Series Document Number: 002-04608 Rev. *A Page 17 of 126 44 P24_0 I/O A General-purpose input/output ports INT0 External interrupt input pin 45 P24_1 I/O A General-purpose input/output ports INT1 External interrupt input pin 46 P23_0 I/O A General-purpose input/output ports RX0 RX input pin of CAN0 INT8 External interrupt input pin 47 P23_1 I/O A General-purpose input/output ports TX0 TX output pin of CAN0 48 P23_2 I/O A General-purpose input/output ports RX1 RX input pin of CAN1 INT9 External interrupt input pin 49 P23_3 I/O A General-purpose input/output ports TX1 TX output pin of CAN1 50 P23_4 I/O A General-purpose input/output ports RX2 RX input pin of CAN2 INT10 External interrupt input pin 51 P23_5 I/O A General-purpose input/output ports TX2 TX output pin of CAN2 52 P23_6 I/O A General-purpose input/output ports MB91F467BA/ MB91F466BA: RX3 RX input pin of CAN3 INT11 External interrupt input pin 53 P23_7 MB91F467BA/ MB91F466BA: TX3 I/O A General-purpose input/output ports TX output pin of CAN3 56 P22_0 I/O A General-purpose input/output port MB91F467BA/ MB91F466BA: RX4 RX input pin of CAN4 INT12 External interrupt input pin 57 P22_1 I/O A General-purpose input/output port MB91F467BA/ MB91F466BA: TX4 TX output pin of CAN4 58 P22_2 I/O A General-purpose input/output port INT13 External interrupt input pin MB91F467BA/ MB91F466BA: RX5 RX input pin of CAN5 59 P22_3 I/O A General-purpose input/output port MB91F467BA/ MB91F466BA: TX5 TX output pin of CAN5 Pin no. Pin name I/O I/O circuit type[1] Function |