| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F467BA bảng dữ liệu(PDF) 33 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467BA bảng dữ liệu(HTML) 33 Page - Cypress Semiconductor |
|
33 / 127 page ![]() MB91460B Series Document Number: 002-04608 Rev. *A Page 32 of 126 7.3 MB91F465BB/464BB with MD_3=1 TTG0/8 to TTG3/11 PPG8 to PPG15 TIN0 to TIN3 TOT0 to TOT3 CK4 to CK7 ICU0 to ICU3 OCU0 to OCU3 ALARM_0 SDA0 to SDA1 SCL0 to SCL1 AN0 to AN15 ATGX SGA SG0 SIN4 to SIN7 SOT4 to SOT7 SCK4 to SCK7 RX0 to RX2 TX0 to TX2 R-bus 16 I-bus 32 D-bus 32 FR60 CPU core Flash-Cache 8 Kbytes Flash memory 544 Kbytes (MB91F465BB) 416 Kbytes (MB91F464BB) ID-RAM 16 Kbytes Bus converter D-RAM 24 Kbytes Bit search CAN 3 channels 32 <-> 16 bus adapter DMAC 5 channels Clock modulator Clock monitor MONCLK Interrupt controller INT0 to INT3, INT8 to to INT15 External interrupt 12 channels Clock supervisor Clock control PPG timer 8 channels Reload timer 8 channels Free-run timer 8 channels Input capture 4 channels Output compare 4 channels Alarm comparator 1 channel LIN-USART 4 channels 2 channels I C 2 Real time clock A/D converter 16 channels Sound generator 1 channel RDX WRX0 to WRX1 CSX0 to CSX1 A0 to A21 D16 to D31 External bus interface SYSCLK RDY |