| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F467BA bảng dữ liệu(PDF) 32 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467BA bảng dữ liệu(HTML) 32 Page - Cypress Semiconductor |
|
32 / 127 page ![]() MB91460B Series Document Number: 002-04608 Rev. *A Page 31 of 126 7.2 MB91F467BA/466BA with MD_3=0 AIN0 to AIN1 BIN0 to BIN1 ZIN0 to ZIN1 TTG0/8 to TTG7/15 PPG0 to PPG15 TIN0 to TIN7 TOT0 to TOT7 CK2 to CK7 ICU0 to ICU7 OCU0 to OCU7 ALARM_0 SDA0 to SDA1 SCL0 to SCL1 AN0 to AN31 ATGX SGA SG0 SIN2 to SIN7,SIN0 SOT2 to SOT7,SOT0 SCK2 to SCK7 RX0 to RX5 TX0 to TX5 R-bus 16 I-bus 32 D-bus 32 FR60 CPU core Flash-Cache 8 Kbytes Flash memory 1088 Kbytes (MB91F467BA) 832 Kbytes (MB91F466BA) ID-RAM 16 Kbytes Bus converter D-RAM 24 Kbytes Bit search CAN 6 channels 32 <-> 16 bus adapter DMAC 5 channels Clock modulator Clock monitor MONCLK Interrupt controller INT0 to INT15 External interrupt 16 channels Clock supervisor Clock control PPG timer 16 channels Reload timer 8 channels Free-run timer 8 channels Input capture 8 channels Output compare 8 channels Up/down counter 2 channels Alarm comparator 1 channel LIN-USART 7 channels 2 channels I C 2 Real time clock A/D converter 32 channels Sound generator 1 channel |