| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4539-E/MLSQTP bảng dữ liệu(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/MLSQTP bảng dữ liệu(HTML) 89 Page - Microchip Technology |
|
89 / 322 page ![]() 2002 Microchip Technology Inc. Preliminary DS30485A-page 87 PIC18FXX39 FIGURE 9-5: BLOCK DIAGRAM OF RB2:RB0 PINS FIGURE 9-6: BLOCK DIAGRAM OF RB3 PIN Data Latch RBPU(2) P VDD Q D CK Q D CK QD EN Data Bus WR Port WR TRIS RD TRIS RD Port Weak Pull-up RB0/INT I/O pin(1) TTL Input Buffer Schmitt Trigger Buffer TRIS Latch Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). Data Latch P VDD Q D CK Q D EN Data Bus WR LATB or WR TRISB RD TRISB Weak Pull-up TTL Input Buffer TRIS Latch RD LATB WR PORTB RBPU(2) CK D RD PORTB P N VDD VSS I/O pin(1) Q ‘1’ Note 1: I/O pin has diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate DDR bit(s) and clear the RBPU bit (INTCON2<7>). |