| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4539-E/MLSQTP bảng dữ liệu(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/MLSQTP bảng dữ liệu(HTML) 67 Page - Microchip Technology |
|
67 / 322 page ![]() 2002 Microchip Technology Inc. Preliminary DS30485A-page 65 PIC18FXX39 TABLE 6-1: REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on All Other RESETS FF2h INTCON GIE/ GIEH PEIE/ GIEL T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000u FA9h EEADR EEPROM Address Register 0000 0000 0000 0000 FA8h EEDATA EEPROM Data Register 0000 0000 0000 0000 FA7h EECON2 EEPROM Control Register2 (not a physical register) — — FA6h EECON1 EEPGD CFGS — FREE WRERR WREN WR RD xx-0 x000 uu-0 u000 FA2h IPR2 — — — EEIP BCLIP LVDIP TMR3IP — ---1 1111 ---1 1111 FA1h PIR2 — — —EEIF BCLIF LVDIF TMR3IF — ---0 0000 ---0 0000 FA0h PIE2 — — — EEIE BCLIE LVDIE TMR3IE — ---0 0000 ---0 0000 Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used during FLASH/EEPROM access. |