| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4539-E/MLSQTP bảng dữ liệu(PDF) 239 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/MLSQTP bảng dữ liệu(HTML) 239 Page - Microchip Technology |
|
239 / 322 page ![]() 2002 Microchip Technology Inc. Preliminary DS30485A-page 237 PIC18FXX39 MOVLW Move literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → W Status Affected: None Encoding: 0000 1110 kkkk kkkk Description: The eight-bit literal 'k' is loaded into W. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read literal 'k' Process Data Write to W Example: MOVLW 0x5A After Instruction W = 0x5A MOVWF Move W to f Syntax: [ label ] MOVWF f [,a] Operands: 0 ≤ f ≤ 255 a ∈ [0,1] Operation: (W) → f Status Affected: None Encoding: 0110 111a ffff ffff Description: Move data from W to register 'f'. Location 'f' can be anywhere in the 256 byte bank. If ‘a’ is 0, the Access Bank will be selected, over- riding the BSR value. If ‘a’ = 1, then the bank will be selected as per the BSR value (default). Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register 'f' Process Data Write register 'f' Example: MOVWF REG, 0 Before Instruction W = 0x4F REG = 0xFF After Instruction W = 0x4F REG = 0x4F |