| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV04K bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04K bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 220 page ![]() I2C operation ST25DV04K ST25DV16K ST25DV64K 96/220 DocID027603 Rev 4 Sequential read in system memory: • There is no roll over after reaching end of system memory (ST25DV returns only FFh after last system memory byte address). • Sequential read in dynamic registers: • It is possible to read sequentially dynamic registers and fast transfer mode’s mailbox (contiguous I2C addresses). Sequential read in dynamic registers: • There is no roll over at the end of the mailbox (ST25DV returns only FFh after last system memory byte address). 6.5.4 Acknowledge in Read mode For all Read commands, the device waits, after each byte read, for an acknowledgment during the ninth bit time. If the bus master does not drive Serial Data (SDA) low during this time, the device terminates the data transfer and switches to its Standby mode. |